Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5665RBCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5665RBCPZ-R2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665RBCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD5665RBCPZ-R2 Datasheet HTML 1Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 2Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 3Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 4Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 5Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 6Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 7Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 8Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Quad, 12-/14-/16-Bit nanoDACs with
5 ppm/°C On-Chip Reference, I2C Interface
Data Sheet
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007-2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power, smallest pin-compatible, quad nanoDACs
AD5625R/AD5645R/AD5665R
12-/14-/16-bit nanoDACs
On-chip, 2.5 V, 5 ppm/°C reference in TSSOP
On-chip, 2.5 V, 10 ppm/°C reference in LFCSP
On-chip, 1.25 V, 10 ppm/°C reference in LFCSP
AD5625/AD5665
12-/16-bit nanoDACs
External reference only
3 mm × 3 mm, 10-lead LFCSP; 14-lead TSSOP; and 1.665 mm
× 2.245 mm, 12-ball WLCSP
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Power-on reset to zero scale/midscale
Per channel power-down
Hardware LDAC and CLR functions
I2C-compatible serial interface supports standard (100 kHz),
fast (400 kHz), and high speed (3.4 MHz) modes
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
GENERAL DESCRIPTION
The AD5625R/AD5645R/AD5665R and AD5625/AD5665
members of the nanoDAC® family are low power, quad, 12-/
14-/16-bit, buffered voltage-out DACs with/without an on-chip
reference. All devices operate from a single 2.7 V to 5.5 V supply,
are guaranteed monotonic by design, and have an I2C-compatible
serial interface.
The AD5625R/AD5645R/AD5665R have an on-chip reference. The
LFCSP versions of the AD56x5R have a 1.25 V or 2.5 V, 10 ppm/°C
reference, giving a full-scale output range of 2.5 V or 5 V; the
TSSOP versions of the AD56x5R have a 2.5 V, 5 ppm/°C refer-
ence, giving a full-scale output range of 5 V. The WLCSP package
has a 1.25 V reference. The on-chip reference is off at power-up,
allowing the use of an external reference. The internal reference is
enabled via a software write. The AD5625/AD5665 require an
external reference voltage to set the output range of the DAC.
The part incorporates a power-on reset circuit that ensures that
the DAC output powers up to 0 V (POR = GND) or midscale
(POR = VDD) and remains there until a valid write occurs. The
on-chip precision output amplifier enables rail-to-rail output swing.
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. AD5625R/AD5645R/AD5665R
Figure 2. AD5625/AD5665
The AD56x5R/AD56x5 use a 2-wire I2C-compatible serial
interface that operates in standard (100 kHz), fast (400 kHz),
and high speed (3.4 MHz) modes.
Table 1. Related Devices
Part No.
Description
AD5025/AD5045/AD5065
Dual 12-/14-/16-bit DACs
AD5624R/AD5644R/AD5664R,
AD5624/AD5664
Quad SPI 12-/14-/16-bit DACs,
with/without internal reference
AD5627R/AD5647R/AD5667R,
AD5627/AD5667
Dual I2C 12-/14-/16-bit DACs,
with/without internal reference
AD5666
Quad SPI 16-bit DAC with internal
reference
SDA
SCL
ADDR1
ADDR2
VDD
GND
1.25V/2.5V REF
VREFIN/VREFOUT
AD5625R/AD5645R/AD5665R
INPUT
REGISTER
DAC
REGISTER
STRING
DAC A
VOUTA
BUFFER
LDAC CLR
POR
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
VOUTB
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
VOUTC
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
VOUTD
BUFFER
NOTES
1. THE FOLLOWING PINS ARE AVAILABLE ONLY ON 14-LEAD PACKAGE:
ADDR2, LDAC, CLR, POR.
POWER-ON RESET
POWER-DOWN LOGIC
SDA
SCL
ADDR1
ADDR2
VDD
GND
VREFIN
AD5625/AD5665
INPUT
REGISTER
DAC
REGISTER
STRING
DAC A
VOUTA
BUFFER
LDAC CLR
POR
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
VOUTB
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
VOUTC
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
VOUTD
BUFFER
NOTES
1. THE FOLLOWING PINS ARE AVAILABLE ONLY ON 14-LEAD PACKAGE:
ADDR2, LDAC, CLR, POR.
POWER-ON RESET
POWER-DOWN LOGIC


Similar Part No. - AD5665RBCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5665RBCPZ-REEL7 AD-AD5665RBCPZ-REEL7 Datasheet
819Kb / 32P
Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
4/06-Revision 0
More results

Similar Description - AD5665RBCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5624R AD-AD5624R Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
11/06-Rev. 0 to Rev A
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5625 AD-AD5625_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com