Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5665RBCPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5665RBCPZ-R2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665RBCPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5665RBCPZ-R2 Datasheet HTML 20Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 21Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 22Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 23Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 24Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 25Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 26Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 27Page - Analog Devices AD5665RBCPZ-R2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Data Sheet
Rev. C | Page 24 of 36
EXTERNAL REFERENCE
The VREFIN pin on the AD56x5R allows the use of an external
reference if the application requires it. The default condition of
the on-chip reference is off at power-up. All devices can be
operated from a single 2.7 V to 5.5 V supply.
SERIAL INTERFACE
The AD56x5R/AD56x5 have 2-wire I2C-compatible serial inter-
faces. The AD56x5R/AD56x5 can be connected to an I2C bus as
a slave device, under the control of a master device. See Figure 3
for a timing diagram of a typical write sequence.
The AD56x5R/AD56x5 support standard (100 kHz), fast
(400 kHz), and high speed (3.4 MHz) data transfer modes.
High speed operation is only available on selected models. See
the Ordering Guide for a full list of models. Support is not
provided for 10-bit addressing and general call addressing.
The AD56x5R/AD56x5 each has a 7-bit slave address. The
10-lead and 12-ball versions of the part have a slave address
whose five MSBs are 00011, and the two LSBs are set by the
state of the ADDR address pin, which determines the state of
the A0 and A1 address bits. The 14-lead versions of the part
have a slave address whose three MSBs are 001, and the four
LSBs are set by the ADDR1 and ADDR2 address pins, which
determine the state of the A0 and A1 and A2 and A3 address
bits, respectively.
The facility to make hardwired changes to the ADDR pin allows
the user to incorporate up to three of these devices on one bus,
as outlined in Table 9.
Table 9. ADDR Pin Settings (10-Lead and 12-Ball Packages)
ADDR Pin Connection
A1
A0
VDD
0
0
NC
1
0
GND
1
1
The facility to make hardwired changes to the ADDR1 and the
ADDR2 pins allows the user to incorporate up to nine of these
devices on one bus, as outlined in Table 10.
Table 10. ADDR1, ADDR2 Pin Settings (14-Lead Package)
ADDR2 Pin
Connection
ADDR1 Pin
Connection
A3
A2
A1
A0
VDD
VDD
0
0
0
0
VDD
NC
0
0
1
0
VDD
GND
0
0
1
1
NC
VDD
1
0
0
0
NC
NC
1
0
1
0
NC
GND
1
0
1
1
GND
VDD
1
1
0
0
GND
NC
1
1
1
0
GND
GND
1
1
1
1
The 2-wire serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a start
condition when a high-to-low transition on the SDA line
occurs while SCL is high. The following byte is the address
byte, which consists of the 7-bit slave address. The slave
address corresponding to the transmitted address responds
by pulling SDA low during the ninth clock pulse (this is
termed the acknowledge bit). At this stage, all other devices
on the bus remain idle while the selected device waits for
data to be written to or read from its shift register.
2. Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge
bit). The transitions on the SDA line must occur during the
low period of SCL and remain stable during the high
period of SCL.
3. When all data bits have been read or written, a stop
condition is established. In write mode, the master pulls
the SDA line high during the 10th clock pulse to establish a
stop condition. In read mode, the master issues a no
acknowledge for the ninth clock pulse (that is, the SDA line
remains high). The master brings the SDA line low before
the 10th clock pulse, and then high during the 10th clock
pulse to establish a stop condition.
WRITE OPERATION
When writing to the AD56x5R/AD56x5, the user must begin
with a start command followed by an address byte (R/W = 0),
after which the DAC acknowledges that it is prepared to receive
data by pulling SDA low. The AD5665 requires two bytes of
data for the DAC and a command byte that controls various
DAC functions. Three bytes of data must, therefore, be written
to the DAC, the command byte followed by the most significant
data byte and the least significant data byte, as shown in Figure 58
and Figure 59. After these data bytes are acknowledged by the
AD56x5R/AD56x5, a stop condition follows.
READ OPERATION
When reading data back from the AD56x5R/AD56x5, the
user begins with a start command followed by an address byte
(R/W = 1), after which the DAC acknowledges that it is prepared
to transmit data by pulling SDA low. Two bytes of data are then
read from the DAC, which are both acknowledged by the master
as shown in Figure 60 and Figure 61. A stop condition follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com