Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7694ARM Datasheet(PDF) 5 Page - Analog Devices

Part # AD7694ARM
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7694ARM Datasheet(HTML) 5 Page - Analog Devices

  AD7694ARM Datasheet HTML 1Page - Analog Devices AD7694ARM Datasheet HTML 2Page - Analog Devices AD7694ARM Datasheet HTML 3Page - Analog Devices AD7694ARM Datasheet HTML 4Page - Analog Devices AD7694ARM Datasheet HTML 5Page - Analog Devices AD7694ARM Datasheet HTML 6Page - Analog Devices AD7694ARM Datasheet HTML 7Page - Analog Devices AD7694ARM Datasheet HTML 8Page - Analog Devices AD7694ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7694
Rev. A | Page 5 of 16
TIMING SPECIFICATIONS
VDD = 4.75 V to 5.25 V; TA = −40°C to +85°C, unless otherwise stated.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
tCONV
3.2
μs
Time Between Conversions
tCYC
4
μs
SCK Period
tSCK
50
ns
SCK Low Time
tSCKL
20
ns
SCK High Time
tSCKH
20
ns
SCK Falling Edge to Data Remains Valid
tHSDO
5
ns
SCK Falling Edge to Data Valid Delay
tDSDO
20
ns
CNV Low to SDO, D15 MSB Valid
tEN
60
ns
CNV High to SDO High Impedance
tDIS
60
ns
VDD = 2.7 V to 4.75 V; TA = −40°C to +85°C, unless otherwise stated.
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
tCONV
4.66
μs
Time Between Conversions
tCYC
6.66
μs
SCK Period
tSCK
125
ns
SCK Low Time
tSCKL
50
ns
SCK High Time
tSCKH
50
ns
SCK Falling Edge to Data Remains Valid
tHSDO
5
ns
SCK Falling Edge to Data Valid Delay
tDSDO
50
ns
CNV Low to SDO, D15 MSB Valid
tEN
120
ns
CNV High to SDO High Impedance
tDIS
120
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com