Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7694ARM Datasheet(PDF) 7 Page - Analog Devices

Part # AD7694ARM
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7694ARM Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7694ARM Datasheet HTML 3Page - Analog Devices AD7694ARM Datasheet HTML 4Page - Analog Devices AD7694ARM Datasheet HTML 5Page - Analog Devices AD7694ARM Datasheet HTML 6Page - Analog Devices AD7694ARM Datasheet HTML 7Page - Analog Devices AD7694ARM Datasheet HTML 8Page - Analog Devices AD7694ARM Datasheet HTML 9Page - Analog Devices AD7694ARM Datasheet HTML 10Page - Analog Devices AD7694ARM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7694
Rev. A | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
REF
1
IN+
2
IN–
3
GND
4
VDD
8
SCK
7
SDO
6
CNV
5
AD7694
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead MSOP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Function
1
REF
AI
Reference Input Voltage. The REF range is from 1 V to VDD. It is referred to the GND pin. This pin should be
decoupled closely to the pin with a ceramic capacitor of a few μF.
2
IN+
AI
Analog Input. It is referred to in IN−. The voltage range, that is, the difference between IN+ and IN−, which
is 0 V to VREF.
3
IN−
AI
Analog Input Ground Sense. To be connected to the analog ground plane or to a remote sense ground.
4
GND
P
Power Supply Ground.
5
CNV
DI
Convert Input. On its leading edge, it initiates the conversions. It enables the SDO pin when low.
6
SDO
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
7
SCK
DI
Serial Data Clock Input. When CNV is low, the conversion result is shifted out by this clock.
8
VDD
P
Power Supply.
1AI = analog input; DI = digital input; DO = digital output; and P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com