Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3335ARMZ-5-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3335ARMZ-5-R7
Description  High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3335ARMZ-5-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3335ARMZ-5-R7 Datasheet HTML 3Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 4Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 5Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 6Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 7Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 8Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 9Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 10Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADP3335
Rev. C | Page 7 of 16
OUTPUT (mA)
0
400
500
0
50
100
150
200
250
100
200
300
Figure 11. Dropout Voltage vs. Output Current
TIME (sec)
4
0
0.5
1.0
1.5
2.0
2.5
1
2
3
3.0
VOUT = 2.2V
SD = VIN
RL = 4.4Ω
Figure 12. Power-Up/Power-Down
TIME (
µs)
400
200
0
2
4
0
1
800
600
2
VOUT = 2.2V
SD = VIN
RL = 4.4Ω
3
COUT = 10µF
COUT = 1µF
Figure 13. Power-Up Response
TIME (µs)
80
40
3.000
3.500
2.170
2.180
2.190
180
140
2.200
VOUT = 2.2V
RL = 4.4
CL = 1µF
2.210
Figure 14. Line Transient Response
TIME (
µs)
80
40
3.000
3.500
2.179
2.189
2.190
180
140
2.200
VOUT = 2.2V
RL = 4.4
CL = 10µF
2.210
Figure 15. Line Transient Response
TIME (µs)
400
200
0
200
400
2.1
800
600
2.2
VIN = 4V
RL = 2.2Ω
CL = 1µF
2.3
Figure 16. Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com