Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3335ARMZ-5-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3335ARMZ-5-R7
Description  High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3335ARMZ-5-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3335ARMZ-5-R7 Datasheet HTML 4Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 5Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 6Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 7Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 8Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 9Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 10Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 11Page - Analog Devices ADP3335ARMZ-5-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP3335
Data Sheet
Rev. C | Page 8 of 16
TIME (
µs)
400
200
0
200
400
2.1
800
600
2.2
VIN = 4V
RL = 4.4Ω
CL = 10µF
2.3
Figure 17. Load Transient Response
TIME (
µs)
400
200
1
2
3
0
800
600
0
2.2
VIN = 4V
FULL SHORT
800m
SHORT
Figure 18. Short-Circuit Current
TIME (
µs)
400
200
0
1
2
1
800
600
2
3
VIN = 4V
VOUT = 2.2V
RL = 4.4Ω
1
µF
10
µF
10
µF
1
µF
Figure 19. Turn On/Turn Off Response
–40
–50
–60
–70
–80
–90
FREQUENCY (Hz)
10
1k
10k
100k
1M
10M
–20
–30
100
VOUT = 2.2V
CL = 1µF
IL = 50µA
CL = 1µF
IL = 500mA
CL = 10µF
IL = 500mA
CL = 10µF
IL = 50µA
Figure 20. Power Supply Ripple Rejection
IL = 500mA WITH
NOISE REDUCTION
IL = 500mA WITHOUT
NOISE REDUCTION
IL = 0mA WITHOUT
NOISE REDUCTION
IL = 0mA WITH NOISE REDUCTION
CNR = 10nF
160
140
120
100
80
60
40
20
0
CL (µF)
0
10
20
30
40
50
Figure 21. RMS Noise versus CL (10 Hz to 100 kHz)
100
10
1
0.1
0.01
0.001
FREQUENCY (Hz)
10
1k
10k
100k
1M
100
VOUT = 2.2V
IL = 1mA
CL = 10µF
CNR = 10nF
CL = 1µF
CNR = 0nF
CL = 10µF
CNR = 0nF
CL = 1µF
CNR = 10nF
Figure 22. Output Noise Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com