Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR5045BRTZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR5045BRTZ-R2
Description  Precision Micropower Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR5045BRTZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR5045BRTZ-R2 Datasheet HTML 6Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 7Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 8Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 9Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 10Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 11Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 12Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 13Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Data Sheet
Rev. B | Page 10 of 16
TERMINOLOGY
Temperature Coefficient
The change in output voltage with respect to operating temperature
changes. It is normalized by an output voltage of 25°C. This
parameter is expressed in ppm/°C and is determined by the
following equation:
( )
( )
(
)
(
)
6
10
C
25
C
ppm
×
−
×
°
−
=


°
1
2
UT
O
1
OUT
2
OUT
OUT
T
T
V
T
V
T
V
TCV
(1)
where:
VOUT(25°C) = VOUT at 25°C.
VOUT(T1) = VOUT at Temperature 1.
VOUT(T2) = VOUT at Temperature 2.
Thermal Hysteresis
The change in output voltage after the device is cycled through
temperatures ranging from +25°C to −40°C, then to +125°C, and
back to +25°C. This is common in precision reference and is
caused by thermal-mechanical package stress. Changes in envi-
ronmental storage temperature, board mounting temperature, and
the operating temperature are some of the factors that can
contribute to thermal hysteresis. The following equation
expresses a typical value from a sample of parts put through
such a cycle:
(
)
[
]
(
)
(
)
6
]
]
]
]
10
C
25
C
25
ppm
C
25
×
°
−
°
=
−
°
=
OUT
TC
OUT
OUT
HYS
OUT
TC
OUT
OUT
HYS
OUT
V
V
V
V
V
V
V
(2)
where:
VOUT(25°C) = VOUT at 25°C.
VOUT_TC = VOUT at 25°C after a temperature cycle from +25°C to
−40°C, then to +125°C, and back to +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com