Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR5045BRTZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADR5045BRTZ-R2
Description  Precision Micropower Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR5045BRTZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR5045BRTZ-R2 Datasheet HTML 8Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 9Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 10Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 11Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 12Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 13Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 14Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 15Page - Analog Devices ADR5045BRTZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Rev. B | Page 15 of 16
Model1, 2
Output
Voltage (V)
Initial
Accuracy
(mV)
Tempco
Industrial
(ppm/°C)
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity
Branding
ADR5045AKSZ-R2
5.0
10
100
–40°C to +125°C
3-Lead SC70
KS-3
250
R30
ADR5045AKSZ-REEL
5.0
10
100
–40°C to +125°C
3-Lead SC70
KS-3
10,000
R30
ADR5045AKSZ-REEL7
5.0
10
100
–40°C to +125°C
3-Lead SC70
KS-3
3,000
R30
ADR5045ARTZ-R2
5.0
10
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
250
R30
ADR5045ARTZ-REEL
5.0
10
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
10,000
R30
ADR5045ARTZ-REEL7
5.0
10
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R30
ADR5045BKSZ-R2
5.0
5
75
–40°C to +125°C
3-Lead SC70
KS-3
250
R32
ADR5045BKSZ-REEL7
5.0
5
75
–40°C to +125°C
3-Lead SC70
KS-3
3,000
R32
ADR5045BRTZ-R2
5.0
5
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
250
R32
ADR5045BRTZ-REEL7
5.0
5
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R32
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADR5041W and ADR5044W models are available with controlled manufacturing to support the quality and reliability requirements
of automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for
use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com