Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB183 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PDB183
Description  17 mm Rotary Potentiometer w/Push-Pull Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB183 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PDB183 Datasheet HTML 1Page - Bourns Electronic Solutions PDB183 Datasheet HTML 2Page - Bourns Electronic Solutions PDB183 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
25.5 ± 0.5
(1.004 ± .020)
L
0.75
(.030)
M7 X
R
2.0 ± 0.3
(.079 ± .012)
4.0 ± 0.3
(.157 ± .012)
2.5 ± 0.3
(.098 ± .012)
0.6 ± 0.3
(.024 ± .012)
1.5 ± 0.3
(.059 ± .012)
0.4 ± 0.3
(.016 ± .012)
R
0.8 ± 0.3
(.031 ± .012)
3.0 ± 0.3
(.118 ± .012)
1.0 ± 0.3
(.039 ± .012)
2.0 ± 0.3
(.079 ± .012)
12.5 ± 0.5
(.492 ± .020)
6.0 ± 0.3
(.236 ± .012)
DIA.
14.45 ± 0.5
(.569 ± .020)
4.0 ± 0.3
(.157 ± .012)
6.5 ± 0.3
(.256 ± .012)
1.2 ± 0.3
(.047 ± .012)
7.8 ± 0.3
(.307 ± .012)
2.8 ± 0.3
(.110 ± .012)
30 °
FULL CCW
17.0 ± 0.5
(.669 ± .020)
3 PLCS.
1.4 X 2.4
(.055 ± .094)
10.0 ± 0.5
(.394 ± .020
12.0 ± 0.5
(.472 ± .020)
DIA.
DIA.
2.0 ± 0.3
(.079 ± .012)
0.75
(.030)
M7 X
7.2 ± 0.3
(.283 ± .012)
NUT
WASHER
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PDB183 - 17 mm Rotary Potentiometer w/Push-Pull Switch
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Tapers
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A Series Tapers
Rotational Travel (%)
(05A):
A1
(10A):
A2
(15A):
A3
(20
A):
A4
(25
A):
A5
(30
A):
A
6
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
C Series Tapers
Rotational Travel (%)
(3
0C)
: C6
(05C)
: C1
(10C)
: C2
(15
C)
: C3
(25C)
: C5
(20
C)
: C4
B Series Tapers
0
10
20
30
40
50
60
70
80
90
100
Rotational Travel (%)
10
20
30
40
50
60
70
80
90
100
PDB183-S
L
0
25
20
3
)
7
8
7
.
()
4
8
9
.
()
1
8
1
.
1
(
A
12
10
12
(.472)
(.472)
(.394)
Applications
■ Electric guitars
■ Amplifiers/mixers/drum machines/synthesizers
L
0.75
(.030)
M7 X
0.5
(.020)
C
X 45 °
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
6.5 ± 0.2
(.256 ± .008)
1.2
(.047)
2.8
(.110)
17.0 ± 0.2
(.669 ± .008)
PDB183-xxxxP
L
0
25
20
3
)
7
8
7
.
()
4
8
9
.
()
1
8
1
.
1
(



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com