Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB183 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PDB183
Description  17 mm Rotary Potentiometer w/Push-Pull Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB183 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PDB183 Datasheet HTML 1Page - Bourns Electronic Solutions PDB183 Datasheet HTML 2Page - Bourns Electronic Solutions PDB183 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REV. 0
6/11
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PDB183 - 17 mm Rotary Potentiometer w/Push-Pull Switch
4.87
(.192)
5.0
(.197)
Typical Part Marking
DIMENSIONS:
MM
(INCHES)
How To Order
PDB183 - K 4 25 K - 103 A1
Model
Terminal Configuration
(Pin Layout)
(see individual drawings)
• K = PC Pins vertical/
Down Facing
(12.5 mm)
• S = Solder Lugs
Horizontal/
Rear Facing
Detent Option
• 2 = Center Detent
• 4 = No Detents
Standard Shaft Length
• 20 = 20 mm
• 25 = 25 mm
• 30 = 30 mm
Shaft Style
• K = Metal Knurled Type Shaft
18 Toothed Serration Type
• P = Metal Plain Type Shaft
Resistance Code (See Table)
Resistance Taper (See Taper Charts)
Taper Series followed by Curve Number



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com