Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD12 Datasheet(PDF) 1 Page - First Components International

Part # SCD12
Description  1.0 Amp SCHOTTKY BARRIER RECTIFIERS LOW PROFILE PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SCD12 Datasheet(HTML) 1 Page - First Components International

  SCD12 Datasheet HTML 1Page - First Components International SCD12 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
SCD12 . . . 16 Series
Average Forward Rectified Current @T
A=75°C...IF(av)
Non-Repetitive Peak Forward Surge Current...I
FSM
Operating Temperature Range...T
J
Maximum Forward Voltage...V
F (Note 1)
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C = 25°C
Typical Thermal Resistance...R
θJA
Typical Thermal Resistance...R
θJL
Data Sheet
1.0 Amp SCHOTTKY
BARRIER RECTIFIERS
Units
Volts
Volts
Volts
Volts
n EXTREMELY LOW V
F
n LOW PROFILE PACKAGE
n LOW POWER LOSS – HIGH EFFICIENCY
n MAJORITY CARRIER CONDUCTION
n MEETS UL SPECIFICATION 94V-0
Amps
Amps
°C
Volts
°C / W
°C / W
SCD12
SCD13
SCD14
SCD15
SCD16
20
30
40
50
60
20
30
40
50
60
20
30
40
50
60
14
21
28
35
42
Peak Repetitive Reverse Voltage...V
RRM
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
RMS Reverse Voltage...V
R(rms)
88
30
Electrical Characteristics
Operating Temperature Range... T
STRG
-55 to +150°
-55 to +150
-55 to +125
28
T
C =100°C
mAmps
0.5
mAmps
10
1.0
Dimensions in inches and (mm)
n HIGH TEMPERATURE SOLDERING
260 C/10 SECONDS
.45
.50
.55
.70
.70
PACKAGE 2010
°C


Similar Part No. - SCD12

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD12 ZOWIE-SCD12 Datasheet
55Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SCD12 SECOS-SCD12 Datasheet
320Kb / 2P
VOLTAGE 20V ~ 60V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
SCD120H ZOWIE-SCD120H Datasheet
221Kb / 2P
Schottky Barrier Diode
SCD120H ZOWIE-SCD120H Datasheet
221Kb / 2P
Schottky Barrier Diode
logo
Intel Corporation
SCD1283 INTEL-SCD1283 Datasheet
1Mb / 94P
IEEE 1284-Compatible Parallel Interface
More results

Similar Description - SCD12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR160S ETC1-SR160S Datasheet
53Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
SR102 TSC-SR102_10 Datasheet
527Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
SB120 DGNJDZ-SB120 Datasheet
262Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220 DGNJDZ-SR220 Datasheet
178Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1100-1A-DO-41 DGNJDZ-SR1100-1A-DO-41 Datasheet
318Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
1N5817-1A-DO-41 DGNJDZ-1N5817-1A-DO-41 Datasheet
206Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220-2A-DO-41 DGNJDZ-SR220-2A-DO-41 Datasheet
212Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR250-2A-DO-41 DGNJDZ-SR250-2A-DO-41 Datasheet
212Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1150.1A-DO-41 DGNJDZ-SR1150.1A-DO-41 Datasheet
318Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com