Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1069ACPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADM1069ACPZ
Description  Super Sequencer with Margining Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1069ACPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADM1069ACPZ Datasheet HTML 22Page - Analog Devices ADM1069ACPZ Datasheet HTML 23Page - Analog Devices ADM1069ACPZ Datasheet HTML 24Page - Analog Devices ADM1069ACPZ Datasheet HTML 25Page - Analog Devices ADM1069ACPZ Datasheet HTML 26Page - Analog Devices ADM1069ACPZ Datasheet HTML 27Page - Analog Devices ADM1069ACPZ Datasheet HTML 28Page - Analog Devices ADM1069ACPZ Datasheet HTML 29Page - Analog Devices ADM1069ACPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADM1069
Rev. C | Page 26 of 32
The device also has several identification registers (read-only)
that can be read across the SMBus. Table 12 lists these registers
with their values and functions.
Table 12. Identification Register Values and Functions
Name
Address
Value
Function
MANID
0xF4
0x41
Manufacturer ID for Analog Devices
REVID
0xF5
0x02
Silicon revision
MARK1
0xF6
0x00
Software brand
MARK2
0xF7
0x00
Software brand
General SMBus Timing
Figure 36, Figure 37, and Figure 38 are timing diagrams for
general read and write operations using the SMBus. The SMBus
specification defines specific conditions for different types of
read and write operations, which are discussed in the Write
Operations and Read Operations sections.
The general SMBus protocol operates as follows:
Step 1
The master initiates data transfer by establishing a start condition,
defined as a high-to-low transition on the serial data line SDA,
while the serial clock line SCL remains high. This indicates that
a data stream follows. All slave peripherals connected to the serial
bus respond to the start condition and shift in the next eight bits,
consisting of a 7-bit slave address (MSB first) plus an R/W bit.
This bit determines the direction of the data transfer, that is,
whether data is written to or read from the slave device (0 = write,
1 = read).
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the low period
before the ninth clock pulse, known as the acknowledge bit, and
by holding it low during the high period of this clock pulse.
All other devices on the bus remain idle while the selected device
waits for data to be read from or written to it. If the R/W bit is a 0,
the master writes to the slave device. If the R/W bit is a 1, the
master reads from the slave device.
Step 2
Data is sent over the serial bus in sequences of nine clock pulses:
eight bits of data followed by an acknowledge bit from the slave
device. Data transitions on the data line must occur during the
low period of the clock signal and remain stable during the high
period because a low-to-high transition when the clock is high
could be interpreted as a stop signal. If the operation is a write
operation, the first data byte after the slave address is a command
byte. This command byte tells the slave device what to expect next.
It may be an instruction telling the slave device to expect a block
write, or it may be a register address that tells the slave where
subsequent data is to be written. Because data can flow in only
one direction, as defined by the R/W bit, sending a command
to a slave device during a read operation is not possible. Before
a read operation, it may be necessary to perform a write operation
to tell the slave what sort of read operation to expect and/or the
address from which data is to be read.
Step 3
When all data bytes have been read or written, stop conditions
are established. In write mode, the master pulls the data line high
during the 10th clock pulse to assert a stop condition. In read
mode, the master device releases the SDA line during the low
period before the ninth clock pulse, but the slave device does not
pull it low. This is known as a no acknowledge. The master then
takes the data line low during the low period before the 10th clock
pulse and then high during the 10th clock pulse to assert a stop
condition.
19
9
1
19
1
9
START BY
MASTER
ACK. BY
SLAVE
ACK. BY
SLAVE
ACK. BY
SLAVE
ACK. BY
SLAVE
FRAME 2
COMMAND CODE
FRAME 1
SLAVE ADDRESS
FRAME N
DATA BYTE
FRAME 3
DATA BYTE
SCL
SDA
R/W
STOP
BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
D7
A0
A1
1
0
0
1
1
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 36. General SMBus Write Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com