Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1069ACPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1069ACPZ
Description  Super Sequencer with Margining Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1069ACPZ Datasheet(HTML) 1 Page - Analog Devices

  ADM1069ACPZ Datasheet HTML 1Page - Analog Devices ADM1069ACPZ Datasheet HTML 2Page - Analog Devices ADM1069ACPZ Datasheet HTML 3Page - Analog Devices ADM1069ACPZ Datasheet HTML 4Page - Analog Devices ADM1069ACPZ Datasheet HTML 5Page - Analog Devices ADM1069ACPZ Datasheet HTML 6Page - Analog Devices ADM1069ACPZ Datasheet HTML 7Page - Analog Devices ADM1069ACPZ Datasheet HTML 8Page - Analog Devices ADM1069ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Super Sequencer with Margining Control
ADM1069
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Complete supervisory and sequencing solution for up to
8 supplies
8 supply fault detectors enable supervision of supplies to
<0.5% accuracy at all voltages at 25°C
<1.0% accuracy across all voltages and temperatures
4 selectable input attenuators allow supervision of supplies to
14.4 V on VH
6 V on VP1 to VP3 (VPx)
4 dual-function inputs, VX1 to VX4 (VXx)
High impedance input to supply fault detector with
thresholds between 0.573 V and 1.375 V
General-purpose logic input
8 programmable driver outputs, PDO1 to PDO8 (PDOx)
Open-collector with external pull-up
Push/pull output, driven to VDDCAP or VPx
Open-collector with weak pull-up to VDDCAP or VPx
Internally charge-pumped high drive for use with external
N-FET (PDO1 to PDO6 only)
Sequencing engine (SE) implements state machine control of
PDO outputs
State changes conditional on input events
Enables complex control of boards
Power-up and power-down sequence control
Fault event handling
Interrupt generation on warnings
Watchdog function can be integrated in SE
Program software control of sequencing through SMBus
Complete voltage margining solution for 4 voltage rails
4 voltage output 8-bit DACs (0.300 V to 1.551 V) allow voltage
adjustment via dc-to-dc converter trim/feedback node
12-bit ADC for readback of all supervised voltages
Reference input (REFIN) has 2 input options
Driven directly from 2.048 V (±0.25%) REFOUT pin
More accurate external reference for improved ADC
performance
Device powered by the highest of VPx, VH for improved
redundancy
User EEPROM: 256 bytes
Industry-standard 2-wire bus interface (SMBus)
Guaranteed PDO low with VH, VPx = 1.2 V
Available in 32-lead, 7 mm × 7 mm LQFP and 40-lead,
6 mm × 6 mm LFCSP packages
For more information about the ADM1069 register map,
refer to the AN-721 Application Note at www.analog.com
FUNCTIONAL BLOCK DIAGRAM
PDO7
PDO8
PDOGND
VDDCAP
VDD
ARBITRATOR
DAC1
VOUT
DAC
DAC2
VOUT
DAC
DAC3
VOUT
DAC
DAC4
VOUT
DAC
GND
VCCP
VX1
VX2
VP1
VP2
VP3
VH
AGND
PROGRAMMABLE
RESET
GENERATORS
(SFDs)
CONFIGURABLE
OUTPUT
DRIVERS
(LV CAPABLE
OF DRIVING
LOGIC SIGNALS)
PDO1
PDO2
PDO3
PDO4
PDO5
PDO6
VX3
VX4
SDA SCL A1
A0
SMBus
INTERFACE
REFIN REFOUT REFGND
VREF
12-BIT
SAR ADC
EEPROM
CLOSED-LOOP
MARGINING SYSTEM
ADM1069
DUAL-
FUNCTION
INPUTS
(LOGIC INPUTS
OR
SFDs)
SEQUENCING
ENGINE
CONFIGURABLE
OUTPUT
DRIVERS
(HV CAPABLE OF
DRIVING GATES
OF N-FET)
Figure 1.
APPLICATIONS
Central office systems
Servers/routers
Multivoltage system line cards
DSP/FPGA supply sequencing
In-circuit testing of margined supplies
GENERAL DESCRIPTION
The ADM1069 Super Sequencer® is a configurable supervisory/
sequencing device that offers a single-chip solution for supply
monitoring and sequencing in multiple supply systems. In addition
to these functions, the ADM1069 integrates a 12-bit ADC and
four 8-bit voltage output DACs. These circuits can be used to
implement a closed-loop margining system that enables supply
adjustment by altering either the feedback node or reference of
a dc-to-dc converter using the DAC outputs.


Similar Part No. - ADM1069ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1069ACPZ-REEL AD-ADM1069ACPZ-REEL Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1069ACPZ-REEL7 AD-ADM1069ACPZ-REEL7 Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
More results

Similar Description - ADM1069ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
1/15-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com