Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3339AKCZ-1.5-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3339AKCZ-1.5-R7
Description  High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3339AKCZ-1.5-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP3339AKCZ-1.5-R7 Datasheet HTML 1Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 2Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 3Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADP3339
Rev. C | Page 3 of 12
SPECIFICATIONS
VIN = 6.0 V, CIN = COUT = 1 μF, TJ =–40°C to +125°C, unless otherwise noted.
Table 1.
Parameter1, 2
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT
Voltage Accuracy3
VOUT
VIN = VOUTNOM + 0.5 V to 6 V, ILOAD = 0.1 mA to 1.5 A, TJ = 25°C
–0.9
+0.9
%
VIN = VOUTNOM + 0.5 V to 6 V, ILOAD = 0.1 mA to 1.5 A, TJ = –40°C to +125°C
–1.5
+1.5
%
VIN = VOUTNOM + 0.5 V to 6 V, ILOAD = 100 mA to 1.5 A, TJ = 150°C
–1.9
+1.9
%
Line Regulation3
VIN = VOUTNOM + 0.5 V to 6 V, TJ = 25°C
0.04
mV/V
Load Regulation
ILOAD = 0.1 mA to 1.5 A, TJ = 25°C
0.004
mV/mA
Dropout Voltage
VDROP
VOUT = 98% of VOUTNOM
ILOAD = 1.5 A
230
480
mV
ILOAD = 1 A
180
380
mV
ILOAD = 500 mA
150
300
mV
ILOAD = 100 mA
100
mV
Peak Load Current
ILDPK
VIN = VOUTNOM + 1 V
2.0
A
Output Noise
VNOISE
f = 10 Hz to 100 kHz, CL = 10 μF, ILOAD = 1.5 A
95
μV rms
GROUND CURRENT
In Regulation
IGND
ILOAD = 1.5 A
13
40
mA
ILOAD = 1 A
9
25
mA
ILOAD = 500 mA
5
15
mA
ILOAD = 100 mA
1
3
mA
ILOAD = 0.1 mA
130
200
μA
In Dropout
IGND
VIN = VOUTNOM − 100 mV, ILOAD = 0.1 mA
100
300
μA
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC) methods.
2 Application stable with no load.
3 VIN = 2.8 V for models with VOUTNOM ≤ 2.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com