Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3339AKCZ-1.5-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3339AKCZ-1.5-R7
Description  High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3339AKCZ-1.5-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3339AKCZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 9Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 10Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 11Page - Analog Devices ADP3339AKCZ-1.5-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADP3339
Rev. C | Page 11 of 12
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS TO-261-AA
WITH THE EXCEPTION TO LEAD WIDTH.
4.60 BSC
16°
10°
16°
10°
10° MAX
0.75 MIN
0.25
3
2
1
2.30
BSC
*0.85
0.70
0.65
1.70
1.50
1.05
0.85
0.10
0.02
1.30
1.10
0.35
0.26
0.24
*3.15
3.00
2.95
3.70
3.50
3.30
7.30
7.00
6.70
6.70
6.50
6.30
SEATING
PLANE
GAUGE
PLANE
Figure 23. 3-Lead Small Outline Transistor Package [SOT-223]
(KC-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Output Voltage (V)
Package Description
Package Option2
Branding
ADP3339AKC-1.5-RL
−40°C to +85°C
1.5
3-Lead SOT-223
KC-3
ADP3339AKCZ-1.5-RL
−40°C to +85°C
1.5
3-Lead SOT-223
KC-3
L1C
ADP3339AKCZ-1.5-R7
−40°C to +85°C
1.5
3-Lead SOT-223
KC-3
L1C
ADP3339AKCZ-1.8-RL
−40°C to +85°C
1.8
3-Lead SOT-223
KC-3
L19
ADP3339AKCZ-1.8-R7
−40°C to +85°C
1.8
3-Lead SOT-223
KC-3
L19
ADP3339AKCZ-2.5-RL
−40°C to +85°C
2.5
3-Lead SOT-223
KC-3
L1D
ADP3339AKCZ-2.5-R7
−40°C to +85°C
2.5
3-Lead SOT-223
KC-3
L1D
ADP3339AKC-2.85-RL
−40°C to +85°C
2.85
3-Lead SOT-223
KC-3
ADP3339AKCZ-3-R7
−40°C to +85°C
3.0
3-Lead SOT-223
KC-3
L3F
ADP3339AKC-3.3-RL
−40°C to +85°C
3.3
3-Lead SOT-223
KC-3
L1A
ADP3339AKCZ-3.3-RL
−40°C to +85°C
3.3
3-Lead SOT-223
KC-3
L1A
ADP3339AKCZ-3.3-R7
−40°C to +85°C
3.3
3-Lead SOT-223
KC-3
L1A
ADP3339AKCZ-5-R7
−40°C to +85°C
5
3-Lead SOT-223
KC-3
L3G
1 Z = RoHS Compliant Part.
2 This package option is halide free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com