Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC320 Datasheet(PDF) 1 Page - First Components International

Part # SMC320
Description  3.0 Amp SCHOTTKY BARRIER RECTIFIERS Low Storaged Charge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SMC320 Datasheet(HTML) 1 Page - First Components International

  SMC320 Datasheet HTML 1Page - First Components International SMC320 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
De s c ription
F e a ture s
Me c ha nic a l Dim e ns ions
Maximum Ratings
S M C 3 2 0 . . . 3 1 0 0 S e rie s
Average Forward Rectified Current...I
F(av)
Non-Repetitive Peak Forward Surge Current...I
FSM
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
Maximum Forward Voltage...V
F (Note 2)
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C = 25° C
T
C =100° C
Typical Junction Capacitance...C
J
Typical Thermal Resistance...R
qJA
P a ge 1 of 2
Data Sheet
3.0 Amp S C HOT T K Y
B AR R IE R R E C T IFIE R S
Units
Volts
Volts
Volts
Volts
. EXTREMELY LOW V
F
. LOW STORAGED CHARGE
. LOW POWER LOSS – HIGH EFFICIENCY
. MAJ ORITY CARRIER CONDUCTION
. MEETS UL SPECIFICATION 94V-0
............................................. 3. 0 ...............................................
............................................. 100 ...............................................
............................................. 0. 5 ...............................................
............................................. 2 0 ...............................................
Amps
Amps
°C
°C
Volts
mAmps
mAmps
pF
°C / W
S MC3 2 0 S MC3 3 0 S MC3 4 0 S MC3 5 0 S MC3 6 0 S MC3100
2 0
3 0
4 0
5 0
6 0
100
2 0
3 0
4 0
5 0
6 0
100
2 0
3 0
4 0
5 0
6 0
100
1 4
2 1
2 8
3 5
4 2
7 0
Peak Repetitive Reverse Voltage...V
RRM
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
RMS Reverse Voltage...V
R(rms)
. 50
. 50
. 55
. 70
. 70
. 85
< ............... 250 .............. > < ........... 360 ......... >
............................................. 6 0 ...............................................
< .......................... -65 to 125 ............................. >
< .......................... -65 to 125 ............................. >
-65 to 150
-65 to 150
200
Electrical Characteristics
DO-214AB
(SMC)


Similar Part No. - SMC320

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMC320 FCI-SMC320 Datasheet
127Kb / 2P
3.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Kexin Industr...
SMC320 KEXIN-SMC320 Datasheet
921Kb / 2P
Schottky Diodes
logo
Semtron Microtech Corpo...
SMC3206H SEMTRON-SMC3206H Datasheet
578Kb / 5P
Single N-Channel MOSFET
SMC3206PA SEMTRON-SMC3206PA Datasheet
343Kb / 5P
Single N-Channel MOSFET
SMC3207H SEMTRON-SMC3207H Datasheet
341Kb / 5P
Single P-Channel MOSFET
More results

Similar Description - SMC320

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR320P FORMOSA-SR320P Datasheet
62Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
SMC320 FCI-SMC320 Datasheet
127Kb / 2P
3.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SR3200 SECOS-SR3200_05 Datasheet
147Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
logo
First Components Intern...
SMC520 FCI-SMC520 Datasheet
128Kb / 2P
5 .0 Amp SCHOTTKY BARRIER RECTIFIERS Low Storaged Charge
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_15 Datasheet
89Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SS32L DGNJDZ-SS32L Datasheet
248Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS32SMB DGNJDZ-SS32SMB Datasheet
277Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS32L-20V-DO-214AA DGNJDZ-SS32L-20V-DO-214AA Datasheet
305Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS34F-40V-SMAF DGNJDZ-SS34F-40V-SMAF Datasheet
319Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com