Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT25 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SHT25
Description  Humidity and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT25 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SHT25 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Datasheet SHT25
www.sensirion.com
Version 0.91 – October 2010
11/12
Figure 19 Laser marking on SHT25. For details see text.
Reels are also labeled, as displayed in Figure 20 and
Figure 21, and give additional traceability information.
Figure 20: First label on reel: XX = Sensor Type (25 for SHT25),
O = Output mode (0 = Digital), NN = Chip Version, Y = last digit
of year, RRR = number of sensors on reel divided by 10 (200 for
2000 units), TTTTT = Traceability Code.
Figure 21: Second label on reel: For Device Type and Part
Order Number (See Packaging Information on page 2), Delivery
Date (also Date Code) is date of packaging of sensors (DD =
day, MM = month, YYYY = year), CCCC = Sensirion order
number.
8.4
Shipping Package
SHT2x are provided in tape & reel shipment packaging,
sealed into antistatic ESD bags. Standard packaging sizes
are 400, 1500 and 5000 units per reel. For SHT25, each
reel contains 440mm (55 pockets) header tape and
200mm (25 pockets) trailer tape.
The drawing of the packaging tapes with sensor
orientation is shown in Figure 22. The reels are provided in
sealed antistatic bags.
Figure 22 Sketch of packaging tape and sensor orientation.
Header tape is to the right and trailer tape to the left on this
sketch.
9 Compatibility to SHT1x / 7x protocol
SHT2x sensors may be run by communicating with the
Sensirion specific communication protocol used for SHT1x
and SHT7x. In case such protocol is applied please refer
to the communication chapter of datasheet SHT1x or
SHT7x. Please note that reserved status bits of user
register must not be changed.
Please understand that with the SHT1x/7x communication
protocol only functions described in respective datasheets
can be used with the exception of the OTP Reload
function that is not set to default on SHT2x. As an
alternative to OTP Reload the soft reset may be used.
Please note that even if SHT1x/7x protocol is applied the
timing values of Table 5 and Table 7 in this SHT2x
datasheet apply.
For the calculation of physical values the following
equation must be applied:
For relative humidity RH
RES
RH
2
S
125
6
RH
⋅
+
−
=
and for temperature T
RES
T
2
S
175.72
46.85
T
⋅
+
−
=
RES is the chosen respective resolution, e.g. 12 (12bit) for
relative humidity and 14 (14bit) for temperature.
8.0
2.0
4.0
0.3
1.3
R0.3 MAX
R0.25
Ø0.15 MIN
Ø0.15 MIN
3.3
0.25
SHT25
D0AC4
Device Type:
1-100PPP-NN
Description:
Humidity & Temperature Sensor
SHTxx
Part Order No.
1-100PPP-NN or Customer Number
Date of Delivery: DD.MM.YYYY
Order Code:
46CCCC / 0
Lot No.:
XXO-NN-YRRRTTTTT
Quantity:
RRRR
RoHS:
Compliant
Lot No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com