Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT25 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SHT25
Description  Humidity and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT25 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SHT25 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.sensirion.com
Version 0.91 – October 2010
3/12
Users Guide SHT25ss
1 Extended Specification
For details on how Sensirion is specifying and testing
accuracy performance please consult Application Note
“Statement on Sensor Specification”.
1.1
Operating Range
The sensor works stable within recommended Normal
Range – see Figure 4. Long term exposure to conditions
outside Normal Range, especially at humidity >80%RH,
may temporarily offset the RH signal (+3%RH after 60h).
After return into the Normal Range it will slowly return
towards calibration state by itself. See Section 2.3
“Reconditioning Procedure” for eliminating the offset.
Prolonged exposure to extreme conditions may accelerate
ageing.
Figure 4 Operating Conditions
1.2
RH accuracy at various temperatures
Maximal tolerance for RH accuracy at 25°C is defined in
Figure 2. For other temperatures maximal tolerance has
been evaluated to be within limits displayed in Figure 5.
100
±5 ±5 ±5 ±5 ±5 ±4 ±5 ±5 ±5 ±5 ±5 ±5 ±5 ±5 ±6 ±8 ±10
±5 ±5 ±5 ±4 ±4 ±3 ±4 ±4 ±4 ±4 ±4 ±4 ±4 ±5 ±5 ±6 ±8
90
±5 ±5 ±4 ±3 ±2 ±2 ±2 ±3 ±3 ±3 ±3 ±4 ±4 ±4 ±5 ±6 ±8
±5 ±4 ±4 ±3 ±2 ±2 ±2 ±3 ±3 ±3 ±3 ±4 ±4 ±4 ±5 ±6 ±8
80
±4 ±4 ±4 ±3 ±2 ±2 ±2 ±3 ±3 ±3 ±3 ±3 ±3 ±4 ±4 ±5 ±6
±4 ±4 ±4 ±3 ±2 ±2 ±2 ±3 ±3 ±3 ±3 ±3 ±3 ±3 ±4 ±5 ±6
70
±4 ±4 ±4 ±3 ±2 ±2 ±2 ±3 ±3 ±3 ±3 ±3 ±3 ±3 ±4 ±5 ±6
±4 ±4 ±3 ±3 ±2 ±2 ±2 ±2 ±3 ±3 ±3 ±3 ±3 ±3 ±4 ±5 ±6
60
±4 ±3 ±3 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±3 ±3 ±4 ±5
±4 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±3 ±3 ±4 ±5
50
±4 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±3 ±3 ±4 ±5
±4 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±3 ±3 ±4 ±4
40
±4 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±3 ±3 ±4 ±4
±4 ±3 ±3 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±3 ±3 ±4 ±4
30
±4 ±3 ±3 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±3 ±3 ±4 ±4
±4 ±4 ±3 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±2 ±3 ±3 ±4 ±4
20
±4 ±4 ±4 ±3 ±2 ±2 ±2 ±3 ±3 ±3 ±3 ±3 ±3 ±3 ±3 ±4 ±4
±5 ±4 ±4 ±3 ±2 ±2 ±2 ±3 ±3 ±3 ±3 ±3 ±4 ±4 ±4 ±4 ±5
10
±8 ±5 ±5 ±4 ±3 ±2 ±3 ±4 ±4 ±4 ±4 ±4 ±4 ±4 ±5 ±6 ±8
±8 ±8 ±8 ±6 ±5 ±3 ±5 ±5 ±5 ±5 ±5 ±5 ±5 ±5 ±6 ±8 ±10
0 ±12 ±12 ±12 ±8 ±5 ±4 ±5 ±5 ±6 ±6 ±6 ±6 ±6 ±8 ±10 ±12 ±12
0
10
20
30
40
50
60
70
80
Temperature (°C)
Figure 5 Maximal tolerance of relative humidity measurements
given in %RH for temperatures 0 – 80°C
.
Please note that above values are maximal tolerances (not
including hysteresis) against a high precision reference
such as a dew point mirror.
1.3
Electrical Specification
Current consumption as given in Table 1 is dependent on
temperature and supply voltage VDD. For estimations on
energy consumption of the sensor Figures 6 and 7 may be
consulted. Please note that values given in these Figures
are of typical nature and the variance is considerable.
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
Temperature (°C)
Figure 6 Dependency of supply current (sleep mode) versus
temperature at VDD = 3.0V. Please note the variance of the
displayed data may exceed ±25%.
6
8
10
12
14
16
18
20
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
Supply Voltage (VDD)
Figure 7 Typical dependency of supply current (sleep mode)
versus supply voltage at 25°C. Please note the variance of the
displayed data may exceed ±25%.
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Max.
Range
Normal
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com