Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP29A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TIP29A
Description  High Power Bipolar Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP29A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TIP29A Datasheet HTML 1Page - List of Unclassifed Manufacturers TIP29A Datasheet HTML 2Page - List of Unclassifed Manufacturers TIP29A Datasheet HTML 3Page - List of Unclassifed Manufacturers TIP29A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Power Bipolar Transistors
Tip Series
Page <2>
16/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Thermal Characteristics
Characteristic
Symbol
Maximum
Unit
Thermal Resistance Junction to Case
R
θjc
4.167
°C / W
Figure - 1 Power Derating
TC, Temperature (°C)
Electrical Characteristics (T
C = 25°C unless otherwise noted)
Characteristic
Symbol
Minimum
Maximum
Unit
OFF Characteristics
Collector-Emitter Sustaining Voltage (1)
(IC = 30 mA, IB = 0)
TIP29A, TIP30A
TIP29C, TIP30C
VCEO (sus)
60
100
-
V
Collector Cut off Current
(VCE = 30 V, IB = 0)
TIP29A, TIP30A
(VCE = 60 V, IB = 0)
TIP29C, TIP30C
ICEO
-
0.3
mA
Collector Cut off Current
(VCE = 60 V, VEB = 0)
TIP29A, TIP30A
(VCE = 100 V, VEB = 0)
TIP29C, TIP30C
ICES
-
0.2
Emitter Cut off Current
(VEB = 5 V, IC = 0)
IEBO
-
1
ON Characteristics (1)
DC Current Gain
(IC = 0.2 A, VCE = 4 V)
(IC = 1 A, VCE = 4 V)
hFE
40
15
-
75
-
Collector-Emitter Saturation Voltage
(IC = 1 A, IB = 125 mA)
VCE (sat)
-
0.7
V
Base-Emitter On Voltage
(IC = 1 A, VCE = 4 V)
VBE (on)
-
1.3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com