Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP29A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIP29A
Description  High Power Bipolar Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP29A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIP29A Datasheet HTML 1Page - List of Unclassifed Manufacturers TIP29A Datasheet HTML 2Page - List of Unclassifed Manufacturers TIP29A Datasheet HTML 3Page - List of Unclassifed Manufacturers TIP29A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Power Bipolar Transistors
Tip Series
Page <1>
16/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Dimensions : Millimetres
Features:
• Collector-Emitter sustaining voltage-
VCEO (sus)
= 60 V (Minimum) - TIP29A, TIP30A
= 100 V (Minimum) - TIP29C, TIP30C
• Collector-Emitter saturation voltage-
VCE (sat)
= 0.7 V (Maximum) at IC = 1 A
• Current gain-bandwidth product fT = 3 MHz (Minimum) at IC = 200 mA
1 A
Complementary Silicon
Power Transistors
40 - 100 V
30 W
TO-220
Pin 1. Base
2. Collector
3. Emitter
4. Collector (Case)
Dimensions
Minimum
Maximum
A
14.68
15.31
B
9.78
10.42
C
5.01
6.52
D
13.06
14.62
E
3.57
4.07
F
2.42
3.66
G
1.12
1.36
H
0.72
0.96
I
4.22
4.98
J
1.14
1.38
K
2.2
2.97
L
0.33
0.55
M
2.48
2.98
O
3.7
3.9
Maximum Ratings
Characteristic
Symbol
TIP29A
TIP30A
TIP29C
TIP30C
Unit
Collector-Emitter Voltage
VCEO
60
100
V
Collector-Base Voltage
VCBO
Emitter-Base Voltage
VEBO
5
Collector Current-Continuous
- Peak
IC
1
3
A
Base Current
IB
0.4
Total Power Dissipation at TC = 25°C
Derate above 25°C
PD
30
0.24
W
W / °C
Operating and Storage Junction Temperature Range
TJ, TSTG
-65 to +150
°C
NPN
PNP
TIP29A TIP30A
TIP29C TIP30C


Similar Part No. - TIP29A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP29A MOSPEC-TIP29A Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Power Innovations Ltd
TIP29A POINN-TIP29A Datasheet
85Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIP29A TRSYS-TIP29A Datasheet
443Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP29A FAIRCHILD-TIP29A Datasheet
39Kb / 4P
Medium Power Linear Switching Applications
logo
Boca Semiconductor Corp...
TIP29A BOCA-TIP29A Datasheet
26Kb / 2P
General purpose Amplifier and Switching Applications
More results

Similar Description - TIP29A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMJT9410 MOTOROLA-MMJT9410 Datasheet
95Kb / 4P
Bipolar Power Transistors
MMJT9435 MOTOROLA-MMJT9435 Datasheet
94Kb / 4P
Bipolar Power Transistors
logo
List of Unclassifed Man...
2SC2818 ETC1-2SC2818 Datasheet
55Kb / 2P
Power Bipolar Transistors
logo
ON Semiconductor
MMJT350T1 ONSEMI-MMJT350T1 Datasheet
57Kb / 4P
Bipolar Power Transistors
October, 2003 ??Rev. 1
MMJT350T1G ONSEMI-MMJT350T1G Datasheet
108Kb / 4P
Bipolar Power Transistors
September, 2010 ??Rev. 5
NJT4031N ONSEMI-NJT4031N_10 Datasheet
110Kb / 6P
Bipolar Power Transistors
September, 2010 ??Rev. 1
NSS40300MZ4 ONSEMI-NSS40300MZ4_10 Datasheet
114Kb / 7P
Bipolar Power Transistors
September, 2010 ??Rev. 1
NJT4030P ONSEMI-NJT4030P_10 Datasheet
279Kb / 7P
Bipolar Power Transistors
September, 2010 -- Rev. 1
NJT4031N ONSEMI-NJT4031N_13 Datasheet
112Kb / 5P
Bipolar Power Transistors
August, 2013 ??Rev. 4
MMJT350T1G ONSEMI-MMJT350T1G_13 Datasheet
114Kb / 4P
Bipolar Power Transistors
August, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com