Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUGC30DH Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # BUGC30DH
Description  Ultrafast Efficient Rectifier (200V~800V / 3.0A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

BUGC30DH Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  BUGC30DH Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. BUGC30DH Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUGC30DH THRU BUGC30KH
(200V~800V / 3.0A)
Ultrafast Efficient Rectifier
* Halogen-free type
* Compliance to RoHS product
* GPRC (Glass passivated rectifier chip) inside
* Lead less chip form, no lead damage
* For surface mounted applications
* Low power loss, High efficiency
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* General purpose rectification
* Surge absorption
APPLICATION
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Cathode Band, Laser marking
Weight : 0.056 gram
MECHANICAL DATA
* 5,000 pieces per 13" (330mm ± 2mm) reel
* 2 reels per box
* 5 boxes per carton
PACKING
Unit : mm
OUTLINE DIMENSIONS
MARKING
JEDEC : SMB
DO-214AA
5.2 ± 0.1
1.15 ± 0.1
1.15 ± 0.1
R0.6
95 ±
0.015
Cathode mark
Amps class
Series code
Voltage class
BUGC
30D
.
Halogen-free type
ITEM
Symbol
Conditions
Min.
Typ.
Max.
Unit
-
66
-
Rth(JA)
Junction to ambient (NOTE)
Thermal resistance
oC/W
-
8
-
Rth(JL)
Junction to lead (NOTE)
pF
-
19
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
-
5
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
VF
IF = 3.0A
V
-
-
-
-
0.93
1.20
1.50
1.90
0.95
1.25
1.70
2.20
Forward voltage
NOTES : Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
V
IF(AV)
A
IFSM
A
Tj,TSTG
90
35
-65 to +175
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
BUGC
200
30DH
400
30GH
600
30JH
800
30KH
3.0
Repetitive peak reverse voltage
Operating storage temperature Range
oC
nS
Trr
Reverse recovery time
IF = 0.5A, IR = 1.0A, Irr = 0.25A
Electrical characteristics
Voltage class:
D = 200V, G = 400V
J = 600V, K = 800V
Type
BUGC30DH
BUGC30GH
BUGC30JH
BUGC30KH
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - BUGC30DH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BUGC30DH ZOWIE-BUGC30DH Datasheet
66Kb / 2P
Ultrafast Efficient Rectifier
More results

Similar Description - BUGC30DH

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ER502N GULFSEMI-ER502N Datasheet
100Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200V CURRENT: 5.0A
EU1DG GULFSEMI-EU1DG Datasheet
135Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE: 200V CURRENT: 1.0A
MUR180 GULFSEMI-MUR180 Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT:1.0A
MURS180-A GULFSEMI-MURS180-A Datasheet
114Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT: 1.0A
SSF1KG GULFSEMI-SSF1KG Datasheet
100Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT: 1.0A
SSF3JG GULFSEMI-SSF3JG Datasheet
71Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
UG3A GULFSEMI-UG3A Datasheet
251Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?3.0A
logo
Zowie Technology Corpor...
AUSUGC10JH ZOWIE-AUSUGC10JH Datasheet
44Kb / 2P
Ultrafast Efficient Rectifier
SUGC08KH ZOWIE-SUGC08KH Datasheet
38Kb / 2P
Ultrafast Efficient Rectifier
BUGC20DAPH ZOWIE-BUGC20DAPH Datasheet
63Kb / 2P
Ultrafast Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com