Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUGC30DH Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # BUGC30DH
Description  Ultrafast Efficient Rectifier (200V~800V / 3.0A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

BUGC30DH Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  BUGC30DH Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. BUGC30DH Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
FIG.1 - FORWARD CURRENT DERATING CURVE
4.0
2.0
1.0
3.0
0
0
25
50
75
100
125
175
150
RESISTIVE OR
INDUCTIVE LOAD
LEAD TEMPERATURE,
o
C
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
0
20
40
60
80
100
120
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
TJ = 25
oC
TJ = 125
oC
TJ = 150
oC
0.01
0
20
0.1
1.0
10
100
40
60
80
100 110
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0.2
0.6
1.0
1.4
1.8
2.2
TJ = 25
oC
BKUGC30DH
BKUGC30GH
BKUGC30JH
BKUGC30KH
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
.1
200
1.0
10
100
10
100
1
TJ=25
oC
BUGC30DH THRU BUGC30KH
(200V~800V / 3.0A)
Ultrafast Efficient Rectifier
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com