Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USBKEY Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90USBKEY
Description  Atmel Crypto Products Portfolio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USBKEY Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90USBKEY Datasheet HTML 1Page - ATMEL Corporation AT90USBKEY Datasheet HTML 2Page - ATMEL Corporation AT90USBKEY Datasheet HTML 3Page - ATMEL Corporation AT90USBKEY Datasheet HTML 4Page - ATMEL Corporation AT90USBKEY Datasheet HTML 5Page - ATMEL Corporation AT90USBKEY Datasheet HTML 6Page - ATMEL Corporation AT90USBKEY Datasheet HTML 7Page - ATMEL Corporation AT90USBKEY Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Atmel Crypto
Products Portfolio
The Atmel® Crypto Products Portfolio offers full
system security solution options for a wide variety
of applications. The Portfolio consists of both client
and host hardware security ICs, which provide
authentication, encryption and secure data
storage capabilities.
Why hardware security? Confidential data or
secrets stored by unsecured means, such as in
standard memories, are vulnerable to attack and
exposure. Hardware security ICs include many
sophisticated design features specifically aimed
at keeping confidential data and core secrets
safe from hackers, thereby protecting corporate
revenue, valuable intellectual property and limiting
potential liability exposure.
System security is only as strong as the weakest
link. This well-known phrase should remain in
the forefront of any system developer’s mind as
they conceptualize a secure system design. Many
systems today are deployed with a hardware
security solution on the client side, while the host-
side secrets are stored in unsecured memories
(Figure 1). For those who recognize this host-
side implementation as a potential weakness,
Atmel offers host-side hardware security
companion ICs specifically designed to eliminate
this weakness (Figure 2). Crypto Products host
companion ICs implement the host algorithm in
hardware and securely store and manage the
host secrets, thereby strengthening the system-
level security and reducing development time.
The Crypto Products Portfolio is ideally suited for
a variety of applications, and in some cases more
than one product in the Portfolio can provide a
solution for a given application. For example, if
an application requires both authentication and
secure memory storage in a wired environment,
Atmel CryptoMemory® may be the best solution.
If a contactless interface is desired,
Atmel CryptoRF®, along with the supporting
Reader IC, is an excellent choice. In cases where
the strength of a 256-bit key size is preferred,
Atmel CryptoAuthenticationis the answer.
Lastly, when a high security standards-based
solution is required, Atmel CryptoController
(TPM) is a great choice.
1
Atmel Crypto Products Portfolio
Client
Host
Client Hardware
Security IC
Microprocessor
Algorithm
Keys
Figure 1. Client only hardware security
Client
Host
Client Hardware
Security IC
Microprocessor
Host Hardware
Security IC
Keys
Algorithm
Figure 2. Client and host hardware security
Applications
Authentication
IP protection
Encrypted software
downloads
Software and media
antipiracy
Firmware copy prevention
System integrity
Secure communication
Physical, network and
computer access control
Secure key exchange
Markets
Metering
GPS
Printers
Set top boxes
Portable media players
Anti-cloning of consumables
Filters
Cartridges
Chemical reagents
Batteries
PDA/Cell phones
Medical devices
E-purse



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com