Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USBKEY Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT90USBKEY
Description  Atmel Crypto Products Portfolio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USBKEY Datasheet(HTML) 6 Page - ATMEL Corporation

  AT90USBKEY Datasheet HTML 1Page - ATMEL Corporation AT90USBKEY Datasheet HTML 2Page - ATMEL Corporation AT90USBKEY Datasheet HTML 3Page - ATMEL Corporation AT90USBKEY Datasheet HTML 4Page - ATMEL Corporation AT90USBKEY Datasheet HTML 5Page - ATMEL Corporation AT90USBKEY Datasheet HTML 6Page - ATMEL Corporation AT90USBKEY Datasheet HTML 7Page - ATMEL Corporation AT90USBKEY Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5
Atmel Crypto Products Portfolio
Atmel CryptoController (TPM)
Atmel® CryptoController™ is a complete turnkey Trusted Platform
Module(TPM) solution providing ultra-strong security for both
PC and embedded systems. Primary TPM capabilities include
IP protection, system integrity, authentication, and secure
communication. The core building blocks in CryptoController
are the Atmel AVR® microcontrollers and our expertise in silicon
security technologies. Additional security measures include a
variety of tamper-evident circuits such as voltage, temperature
and frequency tampers. Available in 28-TSSOP and space saving
40-lead QFN (MLF) packages, CryptoController provides a
standards-based solution for all computing devices.
Atmel Device
Description
Temp
V
CC
AT97SC3204
LPC
0°C to 70°C, and -40°C to 85°C
3.0V to 3.6V
AT97SC3204T
TWI
0°C to 70°C, and -40°C to 85°C
3.0V to 3.6V
ROM
Program
33MHz
Clock Input
TWI
Interface
GPIO
Physical
Security
Circuitry
Atmel AVR
8-bit RISC
CPU
RNG
SRAM
EEPROM
Data
CRYPTO
Engine
Timer
EEPROM
Program
GPIO6
SDA
SCL
Key Features
Based on the Atmel AVR 8-bit RISC
CPU
• Full Trusted Computing Group
(TCG) v1.2 specification compliant
• 2048-bit Hardware RSA Crypto
Accelerator
• Hardware SHA-1 Accelerator,
50μs/64-byte block
• On-chip storage of up to 21 user
keys
• Reliable EEPROM for nonvolatile
storage, no batteries required
• True Hardware random number
generator
Package Options
• 28-lead TSSOP
• 40-lead QFN
Advantages
• Standards based security
• Available in industrial grade
• AVR 8-bit core
• Tools for embedded development
Applications
• IP protection
• System integrity
• Authentication
• Secure communication
Markets
• Multifunction printers
• Networks
• Gaming (entertainment
/gambling)
• Set-top boxes
• PCs
• Servers
• PDAs/pocket PCs
• Femto cells
Development Kits*
• Atmel AT97SC3204T-X1K180 -
Embedded Development Kit
• Atmel AT97SC3204-X1DB190 -
PC Evaluation Daughter Board
*See Page 6 for full description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com