Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-60004-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-60004-C1-R0
Description  maxiFLOW™ Heat Sink, T412, BLACK-ANODIZED, >=45MM COMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-60004-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-60004-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev - 121101
Low Profile, High Performance Cooling Solutions
w/Thermal Tape Attachment
*Image above is for illustration purpose only.
ATS Part#:
ATS-60004-C1-R0
Description:
maxiFLOW™ Heat Sink, T412, BLACK-ANODIZED, >=45MM COMP
Heat Sink Type:
maxiFLOW
Heat Sink Attachment:
THERMAL TAPE
Equivalent Part Number:
ATS-60004-C2-R0
Features & Benefits
blueICE™ heat sinks feature an ultra low profile for tough-to-cool applications
Designed for high performance in low air velocities
Ideal for telecommunications applications where space is limited
Comes pre-assembled with high performance thermal interface material
Thermal Performance
AIR VELOCITY
@200 LFM
1.0 M/S
@300 LFM
1.5 M/S
@400 LFM
2.0 M/S
@500 LFM
2.5 M/S
@600 LFM
3.0 M/S
@700 LFM
3.5 M/S
@800 LFM
4.0 M/S
THERMAL RESISTANCE
Unducted Flow
3.55 °C/W
3.55 °C/W
3.00 °C/W
2.40 °C/W
2.30 °C/W
2.00 °C/W
1.90 °C/W
Ducted Flow
1.70
n/a
n/a
n/a
n/a
n/a
n/a
Product Detail
Schematic Image
Dimension A
Dimension B
Dimension C
Dimension D
TIM
Finish
*Image above is for illustration purpose only.
61.0 mm
58.2 mm
6.1 mm
67.8 mm
T412
BLACK-ANODIZED
Notes:
Dimension A and B refer to heat sink length and width
Dimension C is the heat sink height from the bottom of the base to the top of the fin field.
ATS-60004-C2-R0 is the exact heat sink assembly with an equivalent thermal interface material
(Saint Gobain C675).
Thermal performance data are provided for reference only. Actual performance may vary by
application.
ATS reserves the right to update or change its products without notice to improve the design or
performance.
ATS certifies that this heat sink assembly is RoHS-6 and REACH compliant.
Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, please contact us at
781-769-2800 (North America), sales@qats.com or www.qats.com.
© 2012 Advanced Thermal Solutions, Inc. | 89-27 Access Road | Norwood MA | 02062 | USA


Similar Part No. - ATS-60004-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-60004-C2-R0 ATS-ATS-60004-C2-R0 Datasheet
272Kb / 1P
Low Profile, High Performance Cooling
REV1_0908
ATS-60004-C2-R0 ATS-ATS-60004-C2-R0 Datasheet
251Kb / 1P
Low Profile, High Performance Cooling
More results

Similar Description - ATS-60004-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-56003-C1-R0 ATS-ATS-56003-C1-R0 Datasheet
946Kb / 1P
maxiFLOW Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-56004-C1-R0 ATS-ATS-56004-C1-R0 Datasheet
1,003Kb / 1P
maxiFLOW Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-56005-C1-R0 ATS-ATS-56005-C1-R0 Datasheet
962Kb / 1P
maxiFLOW Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-56006-C1-R0 ATS-ATS-56006-C1-R0 Datasheet
961Kb / 1P
maxiFLOW Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-56007-C1-R0 ATS-ATS-56007-C1-R0 Datasheet
962Kb / 1P
maxiFLOW Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-56008-C1-R0 ATS-ATS-56008-C1-R0 Datasheet
1Mb / 1P
maxiFLOW Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-60000-C1-R0 ATS-ATS-60000-C1-R0 Datasheet
978Kb / 1P
maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED, 25MM COMP
Rev - 121101
ATS-60001-C1-R0 ATS-ATS-60001-C1-R0 Datasheet
979Kb / 1P
maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED, 37.5MM COMP
Rev - 121101
ATS-60002-C1-R0 ATS-ATS-60002-C1-R0 Datasheet
978Kb / 1P
maxiFLOW™ Heat Sink, T412, GOLD-ANODIZED, >=45MM COMP
Rev - 121101
ATS-60003-C1-R0 ATS-ATS-60003-C1-R0 Datasheet
979Kb / 1P
maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED, >=45MM COMP
Rev - 121101
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com