Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ACT1 Datasheet(PDF) 4 Page - First Components International

Part # TL431ACT1
Description  Programmable Precision Reference Sink Current Capability of 1.0 to 100mA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TL431ACT1 Datasheet(HTML) 4 Page - First Components International

  TL431ACT1 Datasheet HTML 1Page - First Components International TL431ACT1 Datasheet HTML 2Page - First Components International TL431ACT1 Datasheet HTML 3Page - First Components International TL431ACT1 Datasheet HTML 4Page - First Components International TL431ACT1 Datasheet HTML 5Page - First Components International TL431ACT1 Datasheet HTML 6Page - First Components International TL431ACT1 Datasheet HTML 7Page - First Components International TL431ACT1 Datasheet HTML 8Page - First Components International TL431ACT1 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
2001-05-A
TL431 Programmable Precision Reference
--
1.8
4.0
Reference Input Current (Figure 2)
IK=10mA, R1=10k, R2=∞
TA=+25℃
TA=Tlow to Thigh (Note 1)
Iref
--
--
5.2
µA
Reference Input Current Deviation Over
Temperature Range (Figure 2, Note 1)
IK=10mA, R1=10k, R2=∞
ΔIref
--
0.4
1.2
µA
Minimum Cathode Current for Regulation
VKA=Vref (Figure 1)
Imin
--
0.5
1.0
mA
Off-State Cathode Current (Figure 3)
VKA=36V, Vref =0V
Ioff
--
260
1000
nA
Dynamic Impedance (Figure 1, Note 3)
VKA=Vref, ΔIK=1.0mA to 100mA, f< 1.0kHz
|ZKA|
--
0.22
0.5
Ω
1
Tlow=0℃,
Thigh=+70℃
2
The deviation parameter ΔVref is defined as the differences between the maximum and
minimum values obtained over the full operating ambient temperature range the applies.
The average temperature coefficient of the reference input voltage, αVref, is defined as:
αVref
C
°
ppm
=
A
ref
ref
T
C
V
V
∆
×
°
∆
6
10
25
@
=
)
25
@
(
10
6
C
V
T
V
ref
A
ref
°
∆
×
∆
αVref can be positive or negative depending on whether Vref Min of Vref Max occurs at the
lower ambient temperature. (Refer to Figure 6)
Example: ΔVref =8.0mV and slope is positive, Vref @25℃=2.495V, ΔTA=70℃
αVref =
)
495
.
2
(
70
10
008
.
0
6
×
=45.8 ppm/℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com