Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ACT1 Datasheet(PDF) 9 Page - First Components International

Part # TL431ACT1
Description  Programmable Precision Reference Sink Current Capability of 1.0 to 100mA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TL431ACT1 Datasheet(HTML) 9 Page - First Components International

Back Button TL431ACT1 Datasheet HTML 4Page - First Components International TL431ACT1 Datasheet HTML 5Page - First Components International TL431ACT1 Datasheet HTML 6Page - First Components International TL431ACT1 Datasheet HTML 7Page - First Components International TL431ACT1 Datasheet HTML 8Page - First Components International TL431ACT1 Datasheet HTML 9Page - First Components International TL431ACT1 Datasheet HTML 10Page - First Components International TL431ACT1 Datasheet HTML 11Page - First Components International TL431ACT1 Datasheet HTML 12Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
2001-05-A
TL431 Programmable Precision Reference
Test
Conditions
Results
Line Regulation
Vin=10V to 20V,Io=1.0A
53mV (1.1%)
Load Regulation
Vin=15V ,Io=0A to 1.0A
25mV (0.5%)
Output Ripple
Vin=10V ,Io=1.0A
50mVPP P.A.R.D
Output Ripple
Vin=20V,Io=1.0A
100mVPP P.A.R.D
Efficiency
Vin=15V,Io=1.0A
82%
Fig 18.High efficiency step-down switching converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com