Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC206KSIT Datasheet(PDF) 6 Page - SEC Electronics Inc.

Part # SC206KSIT
Description  120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SC206KSIT Datasheet(HTML) 6 Page - SEC Electronics Inc.

Back Button SC206KSIT Datasheet HTML 2Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 3Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 4Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 5Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 6Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 7Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 8Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 9Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 10Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SC206KSIT
120 kHz Bandwidth, High Voltage Isolation
Current Sensor with Integrated Overcurrent Detection
6/13
Fault Enable (FAULT_EN
Pin) Input Low Voltage
Threshold
V
IL
0.1 × V
CC
V
Fault Enable (FAULT_EN
Pin) Input High Voltage
Threshold
V
IH
0.8 × V
CC
V
Fault Enable (FAULT_EN
Pin) Input Resistance
R
FEI
1
M
Ω
OVERCURRENT CHARACTERISTICS
Fault Enable (FAULT_EN
Pin) Delay
8
t
FED
Set FAULT_EN to low, V
OC = 0.25 ×
V
CC , COC = 0 F; then run a DC IP
exceeding the corresponding
overcurrent threshold; then reset
FAULT_EN from low to high and
measure the delay from the rising edge
of FAULT_EN to the falling edge of ¯
FAULT
15
μs
Fault Enable (FAULT_EN
Pin) Delay(Non-Latching
versions)9
t
FED(NL)
Set FAULT_EN to low, V
OC = 0.25 ×
V
CC , COC = 0 F; then run a DC IP
exceeding the corresponding
overcurrent threshold; then reset
FAULT_EN from low to high and
measure the delay from the rising edge
of FAULT_EN to the falling edge of
FAULT
150
ns
Overcurrent Fault
Response Time
t
OC
FAULT_EN set to high for a minimum
of
20 μs before the overcurrent event;
switchpoint set at V
OC = 0.25 × VCC ;
delay from IP exceeding overcurrent
fault threshold to V FAULT < 0.4 V,
1.9
μs
Undercurrent Fault
Response
Time(Non-Latching
versions)
t
UC
FAULT_EN set to high for a minimum
of 20
μs before the undercurrent event;
switchpoint set at V
OC = 0.25 × VCC ;
delay from I
P falling below the
overcurrent faultthreshold to V
FAULT
> 0.8 × VCC , without external
C
OC capacitor, RPU = 330 kΩ
3
μs
Overcurrent Fault Reset
Delay
t
OCR
Time from V
FAULTEN < VIL to
V FAULT > 0.8 × VCC , R
PU = 330 kΩ
500
ns
Overcurrent Fault Reset
Hold Time
t
OCH
Time from V
FAULTEN <VIL to rising edge
of V FAULT
250
ns
Overcurrent
Input
Pin
Resistance
R
OC
T
A = 25°C, VOC pin to GND
2
VOLTAGE REFERENCE CHARACTERISTICS
Voltage Reference Output
V
ZCR
T
A
= 25 °C (Not a highly accurate
reference)
0.48×V
CC
0.5×V
CC 0.51×VCC
V
Voltage Reference Output
Load Current
I
ZCR
Source current
3
mA
Sink current
50
μA
Voltage Reference Output
Drift
∆V
ZCR
±10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com