Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC206KSIT Datasheet(PDF) 8 Page - SEC Electronics Inc.

Part # SC206KSIT
Description  120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SC206KSIT Datasheet(HTML) 8 Page - SEC Electronics Inc.

Back Button SC206KSIT Datasheet HTML 4Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 5Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 6Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 7Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 8Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 9Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 10Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 11Page - SEC Electronics Inc. SC206KSIT Datasheet HTML 12Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SC206KSIT
120 kHz Bandwidth, High Voltage Isolation
Current Sensor with Integrated Overcurrent Detection
8/13
PERFORMANCE CHARACTERISTICS
TA Range K, valid at TA = – 40°C to 125°C, VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Optimized Accuracy
Range
1
I
POA
–12.5
12.5
A
Linear Sensing Range I
R
–37.5
37.5
A
Noise
2
V
NOISE(rm
s)
T
A = 25°C, Sens = 56 mV/A, Cf = 0, CLOAD = 4.7 nF,
R
LOAD open
1.50
mV
Sensitivity
3
Sens
I
P = 12.5 A, TA = 25°C
56
mV/A
I
P = 12.5 A, TA = 25°C to 125°C
56
mV/A
I
P = 12.5 A, TA = –40°C to 25°C
57
mV/A
Electrical Offset
Voltage Variation
Relative to Vout
4
V
OE
I
P = 0 A, TA = 25°C
±4
mV
I
P = 0 A, TA = 25°C to 125°C
±14
mV
I
P = 0 A, TA = –40°C to 25°C
±23
mV
Total Output Error
5
E
TOT
Over full scale of I
POA, IP applied for 5 ms, TA = 25°C
to 125°C
±2.2
%
Over full scale of I
POA, IP applied for 5 ms, TA =
–40°C to 25°C
±3.9
%
1. Although the device is accurate over the entire linear range, the device is programmed for maximum accuracy over the
range defined by IPOA .The reason for this is that in many applications, such as motor control, the start-up current of the
motor is approximately three times higher than the running current.
2. Vpk-pk noise (6 sigma noise) is equal to 6 × VNOISE(rms). Lower noise levels than this can be achieved by using Cf for
applications requiring narrower bandwidth. See Characteristic Performance page for graphs of noise versus Cf and
bandwidth versus Cf.
3. This parameter can drift by as much as 2.4% over the lifetime of this product.
4. This parameter can drift by as much as 13 mV over the lifetime of this product.
5. This parameter can drift by as much as 2.5% over the lifetime of this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com