Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17381F4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17381F4
Description  30-V, N-Channel NexFET??Power MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD17381F4 Datasheet(HTML) 2 Page - Texas Instruments

  CSD17381F4 Datasheet HTML 1Page - Texas Instruments CSD17381F4 Datasheet HTML 2Page - Texas Instruments CSD17381F4 Datasheet HTML 3Page - Texas Instruments CSD17381F4 Datasheet HTML 4Page - Texas Instruments CSD17381F4 Datasheet HTML 5Page - Texas Instruments CSD17381F4 Datasheet HTML 6Page - Texas Instruments CSD17381F4 Datasheet HTML 7Page - Texas Instruments CSD17381F4 Datasheet HTML 8Page - Texas Instruments CSD17381F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CSD17381F4
SLPS411A – APRIL 2013 – REVISED JULY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, IDS = 250μA
30
V
IDSS
Drain to Source Leakage Current
VGS = 0V, VDS = 24V
1
μA
IGSS
Gate to Source Leakage Current
VDS = 0V, VGS = 10V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, IDS = 250μA
0.65
0.85
1.10
V
VGS = 1.8V, IDS =0.5A
160
250
m
VGS = 2.5V, IDS =0.5A
110
143
m
RDS(on)
Drain to Source On Resistance
VGS = 4.5V, IDS = 0.5A
90
117
m
VGS = 8V, IDS =0.5A
84
109
m
gfs
Transconductance
VDS = 15V, IDS = 0.5A
4.8
S
Dynamic Characteristics
Ciss
Input Capacitance
150
195
pF
VGS = 0V, VDS = 15V,
Coss
Output Capacitance
44
57
pF
f = 1MHz
Crss
Reverse Transfer Capacitance
2.2
2.9
pF
RG
Series Gate Resistance
23
Qg
Gate Charge Total (4.5V)
1040
1350
pC
Qgd
Gate Charge Gate to Drain
133
pC
VDS = 15V, IDS = 0.5A
Qgs
Gate Charge Gate to Source
226
pC
Qg(th)
Gate Charge at Vth
150
pC
Qoss
Output Charge
VDS = 15V, VGS = 0V
1110
pC
td(on)
Turn On Delay Time
3.4
ns
tr
Rise Time
1.4
ns
VDS = 0V, VGS = 4.5V,
IDS = 0.5A,RG = 2Ω
td(off)
Turn Off Delay Time
10.8
ns
tf
Fall Time
3.6
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 0.5A, VGS = 0V
0.73
0.9
V
Qrr
Reverse Recovery Charge
1500
pC
VDS= 15V, IF = 0.5A, di/dt = 300A/μs
trr
Reverse Recovery Time
5.6
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
Typical Values
UNIT
Thermal Resistance Junction to Ambient(1)
90
°C/W
RθJA
Thermal Resistance Junction to Ambient(2)
250
°C/W
(1)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CSD17381F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com