Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17381F4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17381F4
Description  30-V, N-Channel NexFET??Power MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD17381F4 Datasheet(HTML) 1 Page - Texas Instruments

  CSD17381F4 Datasheet HTML 1Page - Texas Instruments CSD17381F4 Datasheet HTML 2Page - Texas Instruments CSD17381F4 Datasheet HTML 3Page - Texas Instruments CSD17381F4 Datasheet HTML 4Page - Texas Instruments CSD17381F4 Datasheet HTML 5Page - Texas Instruments CSD17381F4 Datasheet HTML 6Page - Texas Instruments CSD17381F4 Datasheet HTML 7Page - Texas Instruments CSD17381F4 Datasheet HTML 8Page - Texas Instruments CSD17381F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
60
70
80
90
100
110
120
130
140
150
160
0
2
4
6
8
10
12
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 0.5A
TC = 125ºC Id = 0.5A
G001
D
G
S
CSD17381F4
www.ti.com
SLPS411A – APRIL 2013 – REVISED JULY 2013
30-V, N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD17381F4
PRODUCT SUMMARY
1
FEATURES
VDS
Drain to Source Voltage
30
V
2
•
Ultra Low On Resistance
Qg
Gate Charge Total (4.5V)
1040
pC
•
Ultra Low Qg and Qgd
Qgd
Gate Charge Gate to Drain
133
pC
•
Low Threshold Voltage
VGS = 1.8V
160
RDS(on)
Drain to Source On Resistance
VGS = 2.5V
110
m
Ω
•
Ultra Small Footprint (0402 Case Size)
VGS = 4.5V
90
–
1.0 mm x 0.6 mm
VGS(th)
Threshold Voltage
0.85
V
•
Ultra Low Profile
–
0.35 mm Height
Text Added For Spacing
•
Integrated ESD Protection Diode
ORDERING INFORMATION
Device
Qty
Media
Package
Ship
–
Rated > 4kV HBM
7-Inch
–
Rated > 2kV CDM
CSD17381F4
3,000
Reel
Femto(0402) 1.0mm x
Tape and
•
Pb and Halogen Free
0.6mm SMD Lead Less
Reel
13-Inch
CSD17381F4R
18,000
Reel
•
RoHS Compliant
Text Added For Spacing
APPLICATIONS
ABSOLUTE MAXIMUM RATINGS
•
Optimized for Load Switch Applications
TA = 25°C unless otherwise stated
VALUE
UNIT
•
Optimized for General Purpose Switching
VDS
Drain to Source Voltage
30
V
Applications
VGS
Gate to Source Voltage
12
V
•
Single Cell Battery Applications
ID
Continuous Drain Current, TA = 25°C
(1)
3.1
A
IDM
Pulsed Drain Current, TA = 25°C
(2)
10
A
•
Handheld and Mobile Applications
PD
Power Dissipation(1)
500
mW
Human Body Model (HBM)
4
kV
DESCRIPTION
ESD
Rating Charged Device Model (CDM)
2
kV
The FemtoFET™ MOSFET technology has been
TJ,
Operating Junction and Storage
designed and optimized to minimize the footprint in
–55 to 150
°C
TSTG
Temperature Range
many
handheld
and
mobile
applications.
This
Avalanche Energy, single pulse ID = 7.4A,
technology is capable of replacing standard small
EAS
2.7
mJ
L = 0.1mH, RG = 25Ω
signal MOSFETs while providing at least a 60%
(1) Typical RθJA = 90°C/W on 1-inch
2 (6.45-cm2), 2-oz. (0.071-
reduction in footprint size.
mm thick) Cu pad on a 0.06-inch (1.52-mm) thick FR4 PCB.
(2) Pulse duration
≤300μs, duty cycle ≤2%
On Resistance vs. Gate Voltage
Top View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FemtoFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD17381F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17381F4 TI1-CSD17381F4 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17381F4 TI2-CSD17381F4 Datasheet
937Kb / 13P
CSD17381F4 30-V N-Channel FemtoFET™ MOSFET
REVISED JANUARY 2022
CSD17381F4.B TI2-CSD17381F4.B Datasheet
937Kb / 13P
CSD17381F4 30-V N-Channel FemtoFET™ MOSFET
REVISED JANUARY 2022
CSD17381F4T TI1-CSD17381F4T Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17381F4T TI2-CSD17381F4T Datasheet
937Kb / 13P
CSD17381F4 30-V N-Channel FemtoFET™ MOSFET
REVISED JANUARY 2022
More results

Similar Description - CSD17381F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
30-V, N-Channel NexFET Power MOSFETs
CSD17552Q5A TI-CSD17552Q5A Datasheet
737Kb / 11P
30-V, N-Channel NexFET Power MOSFETs
CSD17573Q5B TI-CSD17573Q5B_15 Datasheet
973Kb / 15P
CSD17573Q5B 30 V N-Channel NexFET Power MOSFETs
CSD17578Q3A TI-CSD17578Q3A_15 Datasheet
955Kb / 15P
CSD17578Q3A 30 V N-Channel NexFET Power MOSFETs
CSD17578Q5A TI-CSD17578Q5A_15 Datasheet
864Kb / 15P
CSD17578Q5A 30 V N-Channel NexFET Power MOSFETs
CSD17579Q5A TI-CSD17579Q5A_15 Datasheet
861Kb / 15P
CSD17579Q5A 30 V N-Channel NexFET Power MOSFETs
CSD17308Q3 TI1-CSD17308Q3_15 Datasheet
412Kb / 13P
30-V N-Channel NexFET Power MOSFETs
CSD17581Q3A TI1-CSD17581Q3A Datasheet
380Kb / 13P
30-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
30-V Dual N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
30-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com