Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2030N Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC2030N
Description  Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2030N Datasheet(HTML) 2 Page - IXYS Corporation

  CPC2030N Datasheet HTML 1Page - IXYS Corporation CPC2030N Datasheet HTML 2Page - IXYS Corporation CPC2030N Datasheet HTML 3Page - IXYS Corporation CPC2030N Datasheet HTML 4Page - IXYS Corporation CPC2030N Datasheet HTML 5Page - IXYS Corporation CPC2030N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R03
CPC2030N
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25°C
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation
70
mW
Total Power Dissipation 1
600
mW
Isolation Voltage, Input to Output
1500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 5mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous 1
I
F=2mA
I
L
-
-
120
mA
rms / mADC
Peak
t =10ms
I
LPK
-
-
±350
mA
P
On-Resistance 2
I
L=120mA
R
ON
-
19.5
30
Off-State Leakage Current
V
L=350VP
I
LEAK
--
1µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
0.76
2
ms
Turn-Off
t
off
-
0.36
1
Output Capacitance
I
F=0mA, VL=50V, f=1MHz
C
OUT
-9
-
pF
Capacitance, Input to Output
-
-
-1
-
pF
Input Characteristics
Input Control Current to Activate 3
I
L=120mA
I
F
--
2
mA
Input Control Current to Deactivate
-
I
F
0.1
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
1
Load current derates linearly from 120mA @ 25oC to 60mA @85oC, and must be derated for both poles operating simultaneously.
2
Measurement taken within 1 second of on-time.
3
For applications requiring high temperature operation (greater than 60oC) a LED drive current of 4mA is recommended.
Electrical Characteristics @ 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com