Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2030N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC2030N
Description  Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2030N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC2030N Datasheet HTML 1Page - IXYS Corporation CPC2030N Datasheet HTML 2Page - IXYS Corporation CPC2030N Datasheet HTML 3Page - IXYS Corporation CPC2030N Datasheet HTML 4Page - IXYS Corporation CPC2030N Datasheet HTML 5Page - IXYS Corporation CPC2030N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC2030N-R03
1
CPC2030N
Dual Single-Pole, Normally Open
8-Pin SOIC OptoMOS® Relay
e3
Pb
Part #
Description
CPC2030N
8-Pin SOIC (50/tube)
CPC2030NTR
8-Pin SOIC (2000/reel)
Parameter
Rating
Units
Blocking Voltage
350
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
30
LED Current to operate
2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunications
• Security
• Passive Infrared Detectors (PIR)
• Data Signaling
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• 1500V
rms Input/Output Isolation
• TTL/CMOS Compatible Input
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Immune to Radiated EM Fields
• SMD Pick & Place, Wave Solderable
• Tape & Reel Version Available
• Small 8-Pin SOIC Package
The CPC2030N is a miniature device with two
independent normally open (1-Form-A) solid state
relays in an 8-Pin SOIC package that employs
optically coupled MOSFET technology to provide
1500V
rms of input/output isolation.
Optically coupled outputs using the patented
OptoMOS architecture are controlled by a highly
efficient GaAIAs infrared LED.
The CPC2030N uses IXYS Integrated Circuits
Division’s state of the art, double-molded vertical
construction packaging to produce one of the world’s
smallest relays. The CPC2030N offers substantial
board space savings over the competitor’s larger 8-Pin
SOIC relay.
Switching Characteristics
of Normally Open (Form A) Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Approvals
• UL Certified Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 10 05 49410 006
+ Control
– Control
Load
Load
1
2
3
4
7
8
5
6
+ Control
– Control
Load
Load


Similar Part No. - CPC2030N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2014NTR CLARE-CPC2014NTR Datasheet
117Kb / 5P
8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014NTR IXYS-CPC2014NTR Datasheet
123Kb / 6P
60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
More results

Similar Description - CPC2030N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
8-Pin SOIC Dual OptoMOS짰 Relay
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
logo
IXYS Corporation
CPC2017N IXYS-CPC2017N Datasheet
115Kb / 6P
Dual Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2025N IXYS-CPC2025N Datasheet
115Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2125N IXYS-CPC2125N Datasheet
118Kb / 6P
Dual Single-Pole, Normally Closed 8-Pin SOIC OptoMOS짰 Relay
CPC2317N IXYS-CPC2317N Datasheet
126Kb / 7P
Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2330N IXYS-CPC2330N Datasheet
140Kb / 8P
Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
PAA190 IXYS-PAA190 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS짰 Relays
PLA171 IXYS-PLA171 Datasheet
119Kb / 6P
Single-Pole, Normally Open OptoMOS짰 Relay
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com