Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38798 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP38798
Description  LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38798 Datasheet HTML 9Page - Texas Instruments LP38798 Datasheet HTML 10Page - Texas Instruments LP38798 Datasheet HTML 11Page - Texas Instruments LP38798 Datasheet HTML 12Page - Texas Instruments LP38798 Datasheet HTML 13Page - Texas Instruments LP38798 Datasheet HTML 14Page - Texas Instruments LP38798 Datasheet HTML 15Page - Texas Instruments LP38798 Datasheet HTML 16Page - Texas Instruments LP38798 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
EN
GND(CP)
CP
IN(CP)
OUT(FB)
SET
FB
GND
UVLO
Charge Pump
3.5 MHz
Current
Limit
Thermal
Shutdown
VREF
1.200V
IEN
2 PA
5V
LP38798SD-ADJ
OUT
OUT
IN
IN
Active Ripple
Rejection
200 mV
PMOS
ISET
52 PA
99.5%
98%
tau= 2s
1.24V
LP38798
www.ti.com
SNOSCT6A – MARCH 2013 – REVISED MAY 2013
APPLICATIONS INFORMATION
Functional Block Diagram
Package Information
The LP38798-ADJ is available in the 12-Lead WSON surface mount package that allows for increased power
dissipation compared to the standard PSOP-8 and WQFN-8 packages.
External Capacitors
Like any low-dropout regulator, the LP38798-ADJ requires external capacitors for regulator stability. These
capacitors must be correctly selected for optimum performance.
INPUT CAPACITOR: The minimum recommended input capacitance is 1 µF, ceramic or tantalum. However, if
the LP38798 is operating in conditions where input ripple, fast changes in the input voltage, or large changes in
the load current demand are expected, a minimum input capacitance of 10 µF is strongly recommended.
Ceramic capacitor tolerance and variations due temperature and applied voltage must be considered when
selecting a capacitor to assure the minimum input capacitance requirement is met over the intended operating
range.
The input capacitor must be located as close as physically possible to the input pin and returned to a clean
analog ground. Any good quality tantalum capacitor may be used, while a ceramic capacitor should be X5R or
X7R rated with appropriate adjustments due to the loss of capacitance value from the applied DC voltage.
Larger input capacitance values are encouraged if fast output current steps are expected, as this will minimize
voltage drops at the input pin. However, if there is any PCB trace inductance between the bulk supply and the
input pin it is recommended that a tantalum capacitor be placed in parallel with the ceramic input capacitor. This
will help to damp out undesired ringing that may occur during input transient conditions.
Copyright © 2013, Texas Instruments Incorporated
13
Product Folder Links: LP38798



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com