Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38798 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP38798
Description  LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 3 Page - Texas Instruments

  LP38798 Datasheet HTML 1Page - Texas Instruments LP38798 Datasheet HTML 2Page - Texas Instruments LP38798 Datasheet HTML 3Page - Texas Instruments LP38798 Datasheet HTML 4Page - Texas Instruments LP38798 Datasheet HTML 5Page - Texas Instruments LP38798 Datasheet HTML 6Page - Texas Instruments LP38798 Datasheet HTML 7Page - Texas Instruments LP38798 Datasheet HTML 8Page - Texas Instruments LP38798 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LP38798
www.ti.com
SNOSCT6A – MARCH 2013 – REVISED MAY 2013
ABSOLUTE MAXIMUM RATINGS
(1)
IN
–0.3V to 22V
OUT
–0.3V to VIN +0.3V
FB, EN
–0.3V to 6.0V
Storage Temperature Range
–65°C to +150°C
Soldering(2)
260°C, 10 sec
ESD Rating (HBM)(3)
2 kV
Power Dissipation(4)
Internally Limited
IOUT (Survival)
Internally Limited
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. Operating Range conditions indicate
the conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
Peak Reflow Temperatures for Surface Mount devices are defined in “Absolute Maximum Ratings for Soldering,” Literature Number:
SNOA549C
(3)
The Human Body Model (HBM) is a 100 pF capacitor discharged through a 1.5 k
Ω; resistor into each pin. Applicable test standard is
JESD-22-A114-C.
(4)
The value of
θJ−A for the WSON package is dependent on PCB copper area, copper thickness, the number of copper layers in the PCB,
and the number of thermal vias under the exposed thermal pad (DAP). Exceeding the maximum allowable power dissipation will cause
excessive die temperature, and the regulator may go into thermal shutdown. See 12-Lead WSON Package Thermal Considerations in
the Applications Information.
OPERATING RATINGS
(1)
Input Voltage, VIN
3.0V to 20.0V
Output Voltage, VOUT
1.2V to (VIN – VDO)
Enable Voltage, VEN
0.0V to 5.0V
Junction Temperature, TJ
–40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. Operating Range conditions indicate
the conditions at which the device is functional and the device should not be operated beyond such conditions.
Copyright © 2013, Texas Instruments Incorporated
3
Product Folder Links: LP38798



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com