Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP40DZ01 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LP40DZ01
Description  Low Profile, High Current IHLP® Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LP40DZ01 Datasheet(HTML) 1 Page - Vishay Siliconix

  LP40DZ01 Datasheet HTML 1Page - Vishay Siliconix LP40DZ01 Datasheet HTML 2Page - Vishay Siliconix LP40DZ01 Datasheet HTML 3Page - Vishay Siliconix LP40DZ01 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 34193
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 01-Mar-11
1
Low Profile, High Current IHLP® Inductors
IHLP-4040DZ-01
Vishay Dale
Manufactured under one or more of the following:
US Patents; 6,198,375/6,204,744/6,449,829/6,460,244.
Several foreign patents, and other patents pending.
Notes
(1) All test data is referenced to 25 °C ambient
(2) Operating temperature range - 55 °C to + 125 °C
(3) DC current (A) that will cause an approximate
T of 40 °C
(4) DC current (A) that will cause L0 to drop approximately 20 %
(5) The part temperature (ambient + temp. rise) should not exceed
125 °C under worst case operating conditions. Circuit design,
component placement, PWB trace size and thickness, airflow
and other cooling provisions all affect the part temperature. Part
temperature should be verified in the end application.
FEATURES
• Shielded construction
• Frequency range up to 5.0 MHz
• Lowest DCR/μH, in this package size
• Handles high transient current spikes without
saturation
• Ultra low buzz noise, due to composite
construction
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• PDA/notebook/desktop/server applications
• High current POL converters
• Low profile, high current power supplies
• Battery powered devices
• DC/DC converters in distributed power systems
• DC/DC converter for Field Programmable Gate Array (FPGA)
STANDARD ELECTRICAL SPECIFICATIONS
L0
INDUCTANCE
± 20 % AT 100 kHz,
0.25 V, 0 A
(μH)
DCR
TYP.
25 °C
(m
)
DCR
MAX.
25 °C
(m
)
HEAT
RATING
CURRENT
DC TYP.
(A) (3)
SATURATION
CURRENT
DC TYP.
(A) (4)
0.19
0.875
0.95
40.0
90.0
0.36
1.30
1.40
31.5
60.0
0.56
1.70
1.80
27.5
49.0
1.0
3.70
4.10
17.5
36.0
1.5
5.30
5.80
15.0
27.5
2.2
8.20
9.00
12.0
25.6
3.3
13.70
14.40
10.0
18.6
4.7
15.00
16.50
9.5
17.0
5.6
17.60
19.30
8.5
16.0
6.8
21.20
23.30
8.0
13.5
10
33.20
36.50
6.8
12.0
DIMENSIONS in inches [millimeters]
Typical Pad Layout
0.405
[10.3]
Max.
0.158
[4.0]
0.079 ± 0.01
[2.0 ± 0.3]
0.079 ± 0.01
[2.0 ± 0.3]
Max.
0.430 ± 0.01
[10.92 ± 0.3]
0.430 ± 0.01
[10.92 ± 0.3]
The diagram above applies to values
1.0 µH and above.
0.512
[13.0]
0.236
[6.0]
0.158
[4.0]
Max.
0.118 ± 0.01
[3.0 ± 0.3]
0.405
[10.3]
Max.
0.158
[4.0]
Max.
The diagram above applies to values
0.56 µH and below.
0.512
[13.0]
0.236
[6.0]
0.195
[4.95]
Max.
0.185 ± 0.01
[4.7 ± 0.3]
DESCRIPTION
IHLP-4040DZ-01
6.8 μH
± 20 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
H
L
P
404
0
D
Z
E
R
6
R
8
M
0
1
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
TOL.
SERIES
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902


Similar Part No. - LP40DZ01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LP40DZ11 VISHAY-LP40DZ11 Datasheet
126Kb / 5P
Low Profile, High Current IHLP® Inductors
20-Oct-11
More results

Similar Description - LP40DZ01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP5050FDER1R0M01 VISHAY-IHLP5050FDER1R0M01 Datasheet
135Kb / 5P
Low Profile, High Current IHLP® Inductors
25-Feb-11
LP40DZ11 VISHAY-LP40DZ11 Datasheet
126Kb / 5P
Low Profile, High Current IHLP® Inductors
20-Oct-11
IHLP2525BDERR33M01 VISHAY-IHLP2525BDERR33M01 Datasheet
108Kb / 4P
Low Profile, High Current IHLP® Inductors
28-Feb-11
IHLP6767GZER2R2M5A VISHAY-IHLP6767GZER2R2M5A Datasheet
269Kb / 6P
Low Profile, High Current IHLP® Inductors
25-Jun-13
IHLP1212BZER3R3M11 VISHAY-IHLP1212BZER3R3M11 Datasheet
198Kb / 5P
Low Profile, High Current IHLP® Inductors
16-Jul-13
IHLP1616BZER4R7M11 VISHAY-IHLP1616BZER4R7M11 Datasheet
214Kb / 4P
Low Profile, High Current IHLP® Inductors
19-Dec-13
IHLP2020CZER2R2M01 VISHAY-IHLP2020CZER2R2M01 Datasheet
118Kb / 4P
Low Profile, High Current IHLP® Inductors
08-Mar-11
IHLP5050EZER3R3M01 VISHAY-IHLP5050EZER3R3M01 Datasheet
125Kb / 5P
Low Profile, High Current IHLP® Inductors
25-Feb-11
IHLP1616ABERR10M01 VISHAY-IHLP1616ABERR10M01 Datasheet
181Kb / 4P
Low Profile, High Current IHLP® Inductors
21-Aug-14
IHLP3232DZER8R2M01 VISHAY-IHLP3232DZER8R2M01 Datasheet
282Kb / 6P
Low Profile, High Current IHLP® Inductors
21-Aug-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com