Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP40DZ01 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LP40DZ01
Description  Low Profile, High Current IHLP® Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LP40DZ01 Datasheet(HTML) 3 Page - Vishay Siliconix

  LP40DZ01 Datasheet HTML 1Page - Vishay Siliconix LP40DZ01 Datasheet HTML 2Page - Vishay Siliconix LP40DZ01 Datasheet HTML 3Page - Vishay Siliconix LP40DZ01 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 34193
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 01-Mar-11
3
IHLP-4040DZ-01
Low Profile, High Current IHLP® Inductors
Vishay Dale
PERFORMANCE GRAPHS
IHLP-4040DZ-01 5.6 µH
0.0
1.5
3.0
4.5
6.0
7.5
0
5
10
15
20
0
20
40
60
80
100
ΔT °C
DC CURRENT (A)
L
IHLP-4040DZ-01 6.8 µH
0.0
1.5
3.0
4.5
6.0
7.5
02
46
8
10
12
14
16
0
20
40
60
80
100
ΔT °C
DC CURRENT (A)
L
IHLP-4040DZ-01 10 µH
DC CURRENT (A)
0
2
4
6
8
10
02
4
6
8
10
12
14
0
20
40
60
80
100
ΔT °C
L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com