Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX1632245 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74VCX1632245
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX1632245 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74VCX1632245 Datasheet HTML 3Page - STMicroelectronics 74VCX1632245 Datasheet HTML 4Page - STMicroelectronics 74VCX1632245 Datasheet HTML 5Page - STMicroelectronics 74VCX1632245 Datasheet HTML 6Page - STMicroelectronics 74VCX1632245 Datasheet HTML 7Page - STMicroelectronics 74VCX1632245 Datasheet HTML 8Page - STMicroelectronics 74VCX1632245 Datasheet HTML 9Page - STMicroelectronics 74VCX1632245 Datasheet HTML 10Page - STMicroelectronics 74VCX1632245 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
74VCX1632245
7/18
Table 8: Dynamic Switching Characteristics
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VOLPA
Dynamic Low Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCC
0.25
V
1.8
3.3
0.35
2.5
3.3
0.35
VOLPB
Dynamic Low Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCC
0.25
V
1.8
3.3
0.25
2.5
3.3
0.6
VOLVA
Dynamic Low Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCC
-0.25
V
1.8
3.3
-0.35
2.5
3.3
-0.35
VOLVB
Dynamic Low Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCC
-0.25
V
1.8
3.3
-0.25
2.5
3.3
-0.6
VOHVA
Dynamic High Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCC
2.1
V
1.8
3.3
2.6
2.5
3.3
2.6
VOHVB
Dynamic High Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCC
1.7
V
1.8
3.3
1.7
2.5
3.3
2.0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com