Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX1632245 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VCX1632245
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX1632245 Datasheet(HTML) 1 Page - STMicroelectronics

  74VCX1632245 Datasheet HTML 1Page - STMicroelectronics 74VCX1632245 Datasheet HTML 2Page - STMicroelectronics 74VCX1632245 Datasheet HTML 3Page - STMicroelectronics 74VCX1632245 Datasheet HTML 4Page - STMicroelectronics 74VCX1632245 Datasheet HTML 5Page - STMicroelectronics 74VCX1632245 Datasheet HTML 6Page - STMicroelectronics 74VCX1632245 Datasheet HTML 7Page - STMicroelectronics 74VCX1632245 Datasheet HTML 8Page - STMicroelectronics 74VCX1632245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
March 2005
I
HIGH SPEED: tPD = 4.4ns (MAX.) at TA=85°C
VCCA = 3.0V VCCB = 2.3V
I
LOW POWER DISSIPATION:
ICCA = ICCB = 20µA(MAX.) at TA=85°C
I
SYMMETRICAL OUTPUT IMPEDANCE:
|IOHA| = IOLA = 8mA MIN at
VCCA = 3.0V VCCB = 1.65V or 2.3V
|IOHA| = IOLA = 18mA MIN at
VCCA = 2.3V VCCB = 1.65V)
I
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
I
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
I
26
ΩSERIESRESISTOR ON ASIDEOUTPUTS
I
OPERATING VOLTAGE RANGE:
VCCA(OPR) = 2.3V to 3.6V (1.2V Data
Retention)
VCCB(OPR) = 1.65V to 2.7V (1.2V Data
Retention)
I
MAX DATA RATES:
380 Mbps (1.8V to 3.3V translation)
260 Mbps (<1.8V to 3.3V translation)
260 Mbps (Translate to 2.5V)
210 Mbps (Translate to 1.5V)
100 Mbps (Translate to 1.2V)
I
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 16245
I
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
I
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74VCX1632245 is a dual supply low voltage
CMOS 16-BIT BUS TRANSCEIVER fabricated
with sub-micron silicon gate and five-layer metal
wiring C2MOS technology. Designed for use as an
interface between a 3.3V bus and a 2.5V or 1.8V
bus in a mixed 3.3V/1.8V,3.3V/2.5V and 2.5V/
1.8V supply systems, it achieves high speed
operation while maintaining the CMOS low power
dissipation.
This IC is intended for two-way asynchronous
communication between data buses and the
direction of data transmission is determined by
nDIR inputs. The enable inputs nG can be used to
disable the device so that the buses are effectively
isolated. The A-port interfaces with the 3V bus, the
B-port with the 2.5V and 1.8V bus.
All inputs are equipped with protection circuits
against static discharge, giving them 2KV ESD im-
munity and transient excess voltage. All floating
bus terminals during High Z State must be held
HIGH or LOW.
74VCX1632245
16-BIT DUAL SUPPLY BUS TRANSCEIVER
LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
Table 1: Order Codes
PACKAGE
T & R
TSSOP48
74VCX1632245TTR
TFBGA54
74VCX1632245LBR
µTFBGA42
74VCX1632245TBR
TSSOP
µTFBGA
TFBGA
Figure 1: Logic Diagram
n = 1, 2
Rev. 14
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - 74VCX1632245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
16-Mar-2005
More results

Similar Description - 74VCX1632245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
16-Mar-2005
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
74VCX163245 STMICROELECTRONICS-74VCX163245 Datasheet
342Kb / 15P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
Jun-2003
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
01-Jun-2004
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
2-bit dual supply bus transceiver level translator with a side series resistor
06-Dec-2006
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
1-bit dual supply bus buffer level translator with A-side series resistor
16-Aug-2006
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
1-bit dual supply bus buffer level translator with A-side series resistor
03-Dec-2007
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
1-bit dual supply bus transceiver level translator with A-side series resistor
25-Jul-2007
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
4-bit dual supply bus buffer level translator with a side series resistor
14-Jun-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com