Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS391RILT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS391RILT
Description  Low-power single voltage comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS391RILT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS391RILT Datasheet HTML 4Page - STMicroelectronics TS391RILT Datasheet HTML 5Page - STMicroelectronics TS391RILT Datasheet HTML 6Page - STMicroelectronics TS391RILT Datasheet HTML 7Page - STMicroelectronics TS391RILT Datasheet HTML 8Page - STMicroelectronics TS391RILT Datasheet HTML 9Page - STMicroelectronics TS391RILT Datasheet HTML 10Page - STMicroelectronics TS391RILT Datasheet HTML 11Page - STMicroelectronics TS391RILT Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TS391
Revision history
Doc ID 6324 Rev 6
11/12
6
Revision history
Table 7.
Document revision history
Date
Revision
Changes
22-Sep-2004
1
Initial release.
06-Jan-2006
2
PPAP reference inserted in the document.
21-Nov-2007
3
Added values for Rthja, Rthjc and ESD in Table 1: Absolute maximum
ratings (AMR).
Added footnote for automotive grade order code in order codes table.
Updated format.
21-Jan-2010
4
Corrected ESD tolerance values for human body model and machine
model in Table 1: Absolute maximum ratings (AMR) and added ESD
tolerance value for charged device model.
Updated note 1 in Table 6: Order codes.
23-May-2011
5
Added TS391R pinout on page 1.
Modified VCC range in Table 2: Operating conditions.
Added TS391RILT order code in Table 6: Order codes.
02-Mar-2012
6
Added DFN8 package information and changed SOT23-5L package
drawing in Chapter 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com