Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS391RILT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS391RILT
Description  Low-power single voltage comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS391RILT Datasheet(HTML) 3 Page - STMicroelectronics

  TS391RILT Datasheet HTML 1Page - STMicroelectronics TS391RILT Datasheet HTML 2Page - STMicroelectronics TS391RILT Datasheet HTML 3Page - STMicroelectronics TS391RILT Datasheet HTML 4Page - STMicroelectronics TS391RILT Datasheet HTML 5Page - STMicroelectronics TS391RILT Datasheet HTML 6Page - STMicroelectronics TS391RILT Datasheet HTML 7Page - STMicroelectronics TS391RILT Datasheet HTML 8Page - STMicroelectronics TS391RILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TS391
Absolute maximum ratings and operating conditions
Doc ID 6324 Rev 6
3/12
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18 or 36
V
Vid
Differential input voltage
±36
V
Vi
Input voltage
-0.3 to +36
V
Output short-circuit to ground(1)
1.
Short-circuits from the output to VCC
+ can cause excessive heating and potential destruction. The
maximum output current is approximately 20 mA independent of the magnitude of VCC
+.
Infinite
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient(2)
SOT23-5
DFN8 2x2
2.
Short-circuits can cause excessive heating. These values are typical.
250
57
°C/W
Tstg
Storage temperature range
-65 to +150
°C
ESD
Human body model (HBM)(3)
3.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
1500
V
Machine model (MM)(4)
4.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
100
Charged device model (CDM)(5)
5.
Charged device model: all pins and package are charged together to the specified voltage and then
discharged directly to ground through only one pin. This is done for all pins.
1000
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2 to 36 or ±1 to ±18
V
Vicm
Input common mode voltage range (1)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
1.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by
more than 0.3 V. The upper end of the common-mode voltage range is VCC
+ –1.5 V, but either or both
inputs can go to +30 V without damage.
0 to VCC
+ -1.5
0 to VCC
+ -2
V
Toper
Operating free-air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com