Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70-07P6FILM Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAS70-07P6FILM
Description  Low capacitance, low series inductance and resistance Schottky diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70-07P6FILM Datasheet(HTML) 1 Page - STMicroelectronics

  BAS70-07P6FILM Datasheet HTML 1Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 2Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 3Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 4Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 5Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 6Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 7Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 8Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2009
Doc ID 12563 Rev 2
1/14
14
BAS70
Low capacitance, low series inductance and resistance Schottky diodes
Features
■ Very low conduction losses
■ Negligible switching losses
■ Low forward and reverse recovery times
■ Surface mount device
■ Low capacitance diode
■ Low resistance and inductance
Description
The BAS70 series uses 70 V Schottky barrier
diodes packaged in SOD-123, SOD-323, SOD-
523, SOT-23, SOT-323, SOT-323-6L or SOT-666.
These diodes are specially suited for signal
detection and temperature compensation in RF
applications.
Table 1.
Device summary
Symbol
Value
IF
70 mA
VRRM
70 V
C (max)
2 pF
Tj (max)
150 °C
SOD-323
SOD-523
SOT-23
SOT-666
BAS70JFILM
(Single)
BAS70KFILM
(Single)
BAS70FILM
(Single)
BAS70-04FILM
(Series)
BAS70-05FILM
(Common cathode)
BAS70WFILM
(Single)
BAS70-05WFILM
(Common cathode)
BAS70-06WFILM
(Common anode)
BAS70-04WFILM
(Series)
BAS70-07P6FILM
(2 parallel diodes)
BAS70-08SFILM
(3 parallel diodes)
BAS70-09P6FILM
(2 opposite diodes)
BAS70-06FILM
(Common anode)
SOT-323
SOT-323-6L
Configurations in top view
SOD-123
BAS70ZFILM
(Single)
www.st.com


Similar Part No. - BAS70-07P6FILM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-07 PHILIPS-BAS70-07 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
STMicroelectronics
BAS70-07 STMICROELECTRONICS-BAS70-07 Datasheet
53Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Infineon Technologies A...
BAS70-07 INFINEON-BAS70-07 Datasheet
553Kb / 12P
Silicon Schottky Diode
Feb-03-2003
logo
NXP Semiconductors
BAS70-07 PHILIPS-BAS70-07 Datasheet
137Kb / 20P
General-purpose Schottky diodes
Rev. 08-4 May 2006
logo
Guangdong Kexin Industr...
BAS70-07 KEXIN-BAS70-07 Datasheet
36Kb / 1P
Schottky Barrier (Double) Diodes
More results

Similar Description - BAS70-07P6FILM

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB565 SIEMENS-BB565 Datasheet
18Kb / 4P
Silicon Variable Capacitance Diode (For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB664 SIEMENS-BB664 Datasheet
13Kb / 3P
Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance)
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
M/A-COM Technology Solu...
MA4SPS402 MA-COM-MA4SPS402_15 Datasheet
745Kb / 8P
Low Parasitic Capacitance and Inductance
MADP-017015-1314 MA-COM-MADP-017015-1314_10 Datasheet
247Kb / 4P
Low Parasitic Capacitance and Inductance
MASW-003103-1364 MA-COM-MASW-003103-1364_15 Datasheet
1Mb / 9P
Low Parasitic Capacitance and Inductance
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
Ultra Low Parasitic Capacitance and Inductance
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
SHIKUES Electronics
HVU131 SKTECHNOLGY-HVU131 Datasheet
187Kb / 1P
Low Capacitance Low Forward resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com