Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70-07P6FILM Datasheet(PDF) 5 Page - STMicroelectronics

Part # BAS70-07P6FILM
Description  Low capacitance, low series inductance and resistance Schottky diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70-07P6FILM Datasheet(HTML) 5 Page - STMicroelectronics

  BAS70-07P6FILM Datasheet HTML 1Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 2Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 3Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 4Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 5Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 6Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 7Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 8Page - STMicroelectronics BAS70-07P6FILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BAS70
Ordering information scheme
Doc ID 12563 Rev 2
5/14
2
Ordering information scheme
Figure 15.
Ordering information scheme
Figure 13.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 14.
Thermal impedance junction to
ambient versus copper surface
under each lead
0.00
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
th(j-a)/Rth(j-a)
Single pulse
SOD-523
EpoxyFR4
e
CU=35 µm
tP(s)
printed circuit board, epoxy FR4 e
= 35 µm SOD-523
CU
300
350
400
450
500
550
600
0
5
10
15
20
25
30
35
40
45
50
R
th(j-a) (°C/W)
SCU(mm²)
printed circuit board, epoxy FR4 e
= 35 µm SOD-323
CU
BAS70
xx
xx FILM
Signal Schottky diodes
Package
Packing
V= 70 V
RRM
No letter = Single diode
05 = Common cathode
07 = 2 Parallel diodes
09 = 2 Opposite diodes
04 = Series diodes
06 = Common anode
08 = 3 Parallel diodes
Blank = SOT-23
S = SOT323-6L
Z = SOD-123
J = SOD-323
W = SOT-323
K = SOD-523
P6 = SOT-666
FILM = Tape and reel
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com