Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4108R-3-R1 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4108R-3-R1
Description  Thick Film Molded DIPs Superior package integrity Dual Terminator Resistor Networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4108R-3-R1 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4108R-3-R1 Datasheet HTML 1Page - Bourns Electronic Solutions 4108R-3-R1 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ RoHS compliant* versions available (see
How to Order “Termination” option)
■ Compatible with automatic insertion
equipment
■ Superior package integrity
■ Now available with improved tolerance
to ±0.5 %
4100R Series - Thick Film Molded DIPs
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Characteristics
Resistance Range
.................... 10 ohms to 10 megohms
Maximum Operating Voltage .........100 V
Temperature Coefficient of Resistance
50
Ω to 2.2 MΩ...............±100 ppm/°C
below 50
Ω.....................±250 ppm/°C
above 2.2 M
Ω.................±250 ppm/°C
TCR Tracking.........................50 ppm/°C
maximum; equal values
Resistor Tolerance............... See circuits
Operating Temperature
................................-55 °C to +125 °C
Insulation Resistance
................ 10,000 megohms minimum
Dielectric Withstanding Voltage
...........................................200 VRMS
Lead Solderability ..... Meet requirements
of MIL-STD-202 Method 208
Environmental Characteristics
TESTS PER MIL-STD-202 ...... ∆R MAX.
Short Time Overload..................±0.25 %
Load Life....................................±1.00 %
Moisture Resistance ..................±0.50 %
Resistance to Soldering Heat
...............................................±0.25 %
Terminal Strength ......................±0.25 %
Thermal Shock ..........................±0.25 %
Physical Characteristics
Flammability ........ Conforms to UL94V-0
Lead Frame Material
.........................Copper, solder coated
Body Material.................. Novolac epoxy
Package Power Temp. Derating Curve
How To Order
41 14 R - 1 - 152 __ __
Model
(41 = Molded DIP)
Number of Pins
Physical Configuration
(R = Thick Film Low Profile)
Electrical Configuration
• 1 = Isolated
• 2 = Bussed
• 3 = Dual Terminator
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Resistance Tolerance
• Blank = ±2 % (see “Resistance Tolerance”
on next page for resistance range)
• F = ±1 % (100 ohms - 1 megohm)
• D = ±0.5 % (100 ohms - 1 megohm)
Terminations
• LF = Tin-plated (RoHS compliant version)
• Blank = Tin/Lead-plated
Consult factory for other available options.
Product Dimensions
AMBIENT TEMPERATURE ( C )
°
0
70
125
4.00
3.50
3.00
2.50
2.00
1.50
1.00
.50
25
4108R
4114R
4116R
4118R
4120R
Package Power Rating at 70 °C
4108R .....................................1.69 watts
4114R .....................................2.00 watts
4116R .....................................2.25 watts
4118R .....................................2.50 watts
4120R .....................................2.80 watts
Typical Part Marking
Represents total content. Layout may
vary.
PART
NUMBER
4116R-1-
120
CYYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
COUNTRY OF MANUFACTURE
(C = COSTA RICA)
DATE CODE
For Standard Values Used in
Capacitors, Inductors, and Resistors,
click here.
PIN #1 REF.
4.57 + .12/ - .28
(.180 + .005/ - .007)
3.43 + .38/ - .25.
(135 + .015/ - .010)
MAX.
2.03
.12
(.080
.005)
2.54
.25
(.100
.010*)
.438
.050
(.019
.002)
1.65 + .12/ - .07
(.065 + .005/ - .003)
7.87
.25
(.310
.010)
TO OUTSIDE
WHEN PINS
ARE PARALLEL
6.71
.10
(.260 + .005)
(.260 - .000)
8.64
.50
(.340
.020)
.254
.050
(.010
.002)
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
27.05
(1.065)
MAX.
24.51
(.965)
MAX.
21.97
(.865)
MAX.
19.43
(.765)
MAX.
11.81
(.465)
MAX.
8.40
(.331)
TYP.
.89
.25
(.035
.010)
TYP.
NON-ACCUM.
TYP.
For information on specific applications,
download Bourns’ application notes:
■ DRAM Applications
■ Dual Terminator Resistor Networks
■ R/2R Ladder Networks
■ SCSI Applications


Similar Part No. - 4108R-3-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4108R-3-R1 ETC1-4108R-3-R1 Datasheet
60Kb / 2P
4100R Series - Thick Film Molded DIPs
More results

Similar Description - 4108R-3-R1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
08-Sep-04
logo
Bourns Electronic Solut...
4100R BOURNS-4100R Datasheet
214Kb / 2P
Thick Film Molded DIPs
logo
Vishay Siliconix
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
Thick Film Resistor Networks
logo
Bourns Electronic Solut...
4116R BOURNS-4116R_12 Datasheet
223Kb / 2P
Thick Film Molded DIPs
4306R-101-222FLF BOURNS-4306R-101-222FLF Datasheet
208Kb / 2P
Thick Film Molded SIPs Superior package integrity Compatible with automatic insertion
4116R-1-102 BOURNS-4116R-1-102 Datasheet
223Kb / 2P
Thick Film Molded DIPs
4114R-1-152FLF BOURNS-4114R-1-152FLF Datasheet
223Kb / 2P
Thick Film Molded DIPs
logo
Vishay Siliconix
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
12-Sep-13
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com