Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7160ACPZN1.8-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM7160ACPZN1.8-R2
Description  Ultralow Noise, 200 mA Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160ACPZN1.8-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM7160ACPZN1.8-R2 Datasheet HTML 2Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 3Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 4Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 5Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 6Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 7Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 8Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 9Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADM7160
Data Sheet
Rev. 0 | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
ADM7160
TOP VIEW
(Not to Scale)
1
VIN
2
GND
3
EN
5
VOUT
4
NC
3
7
GND
1
VOUT
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD MUST BE CONNECTED TO GROUND.
THE EXPOSED PAD ENHANCES THE THERMAL
PERFORMANCE OF THE PACKAGE.
2
NC
4 EN
EPAD
6 VIN
5 NC
ADM7160
TOP VIEW
Figure 2. Pin Configuration, 5-Lead TSOT
Figure 3. Pin Configuration, 6-Lead LFCSP
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
TSOT
LFCSP
1
6
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 µF or greater capacitor.
2
3
GND
Ground.
3
4
EN
Enable Input. Drive EN high to turn on the regulator; drive EN low to turn off the regulator.
For automatic startup, connect EN to VIN.
4
2, 5
NC
No Connect. Do not connect to this pin.
5
1
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1 µF or greater capacitor.
N/A
7
EPAD
Exposed Pad. The exposed pad must be connected to ground. The exposed pad enhances the
thermal performance of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com