Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7160ACPZN1.8-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM7160ACPZN1.8-R2
Description  Ultralow Noise, 200 mA Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160ACPZN1.8-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM7160ACPZN1.8-R2 Datasheet HTML 3Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 4Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 5Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 6Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 7Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 8Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 9Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 10Page - Analog Devices ADM7160ACPZN1.8-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADM7160
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 2.9 V, VOUT = 2.5 V, ILOAD = 1 mA, CIN = COUT = 4.7 µF, TA = 25°C, unless otherwise noted.
0.1
1
10
100
1k
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
NOISE FLOOR
Figure 4. Noise Spectral Density at Various Output Voltages, ILOAD = 10 mA
0.1
1
10
100
1k
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
NOISE FLOOR
Figure 5. Noise Spectral Density at Various Output Voltages, ILOAD = 200 mA
1
10
100
1k
10k
0.1
1
10
100
1k
FREQUENCY (Hz)
Figure 6. Noise Spectral Density, 0.1 Hz to 1 kHz
1
10
100
0.01
0.1
1
10
100
1000
ILOAD (mA)
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
Figure 7. RMS Noise vs. Load Current, 10 Hz to 100 kHz
1
10
100
0.01
0.1
1
10
100
1000
ILOAD (mA)
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
Figure 8. RMS Noise vs. Load Current, 10 Hz to 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com