Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7160ACPZN2.5-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM7160ACPZN2.5-R2
Description  Ultralow Noise, 200 mA Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160ACPZN2.5-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM7160ACPZN2.5-R2 Datasheet HTML 7Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 8Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 9Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 10Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 11Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 12Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 13Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 14Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADM7160
Rev. 0 | Page 11 of 24
1
10
100
1k
–50
0
50
100
150
JUNCTION TEMPERATURE (°C)
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
Figure 27. Ground Current vs. Junction Temperature
0
20
40
60
80
100
120
140
1
10
100
1000
ILOAD (mA)
Figure 28. Dropout Voltage vs. Load Current
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.30 2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
VIN (V)
ILOAD = 1mA
ILOAD = 5mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
Figure 29. Output Voltage vs. Input Voltage (in Dropout)
0
100
200
300
400
500
600
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
VIN (V)
ILOAD = 1mA
ILOAD = 5mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
Figure 30. Ground Current vs. Input Voltage (in Dropout)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
–50
0
50
TEMPERATURE (°C)
100
150
VIN = 2.9V
VIN = 3.5V
VIN = 4V
VIN = 4.5V
VIN = 5V
VIN = 5.5V
Figure 31. Shutdown Current vs. Temperature at Various Input Voltages
CH1 200mA
CH2 50mV
M20µs
A CH1
64.0mA
T 10.00%
1
2
T
VOUT
ILOAD
Figure 32. Load Transient Response, CIN and COUT = 1 μF,
ILOAD = 1 mA to 200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com