Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7160ACPZN2.5-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM7160ACPZN2.5-R2
Description  Ultralow Noise, 200 mA Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160ACPZN2.5-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADM7160ACPZN2.5-R2 Datasheet HTML 1Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 2Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 3Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 4Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 5Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 6Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 7Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 8Page - Analog Devices ADM7160ACPZN2.5-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ultralow Noise,
200 mA Linear Regulator
Data Sheet
ADM7160
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
PSRR performance of 54 dB at 100 kHz
Ultralow noise independent of VOUT
3 µV rms, 0.1 Hz to 10 Hz
9.5 µV rms, 0.1 Hz to 100 kHz
9 µV rms, 10 Hz to 100 kHz
17 µV rms, 10 Hz to 1 MHz
Low dropout voltage: 150 mV at 200 mA load
Maximum output current: 200 mA
Input voltage range: 2.2 V to 5.5 V
Low quiescent and shutdown current
Initial accuracy: ±1%
Accuracy over line, load, and temperature: −2.5%/+1.5%
5-lead TSOT package and 6-lead LFCSP package
APPLICATIONS
ADC/DAC power supplies
RF, VCO, and PLL power supplies
Post dc-to-dc regulation
APPLICATION CIRCUIT
1
2
3
5
4
16-BIT/18-BIT ADC
CIN
4.7µF
COUT
4.7µF
VOUT = 2.5V
VIN = 2.9V
VOUT
NC
VIN
GND
ADM7160
EN
OFF
ON
NC = NO CONNECT
VDD
VDD
IN+
IN–
VREF
DVDD
DIGITAL
OUTPUT
1.8V TO 5V
2.5V TO 5V
0V TO VREF
Figure 1. ADM7160 Powering a 16-Bit/18-Bit ADC
GENERAL DESCRIPTION
The ADM7160 is an ultralow noise, low dropout linear
regulator that operates from 2.2 V to 5.5 V and provides up to
200 mA of output current. The low 150 mV dropout voltage at
200 mA load improves efficiency and allows operation over a
wide input voltage range.
Using an innovative circuit topology, the ADM7160 achieves
ultralow noise performance without the need for a bypass
capacitor, making the device ideal for noise-sensitive analog
front-end and RF applications. The ADM7160 also achieves
ultralow noise performance without compromising PSRR or
transient line and load performance.
Current-limit and thermal overload protection circuits prevent
damage under adverse conditions. The ADM7160 also includes
an internal pull-down resistor on the EN input.
The ADM7160 is specifically designed for stable operation
with tiny 1 µF, ±30% ceramic input and output capacitors to
meet the requirements of high performance, space constrained
applications.
The ADM7160 is available in tiny 5-lead TSOT and 6-lead
LFCSP packages with 16 fixed output voltage options, ranging
from 1.1 V to 3.3 V. The LFCSP offers a very compact solution
that provides excellent thermal performance for applications
that require up to 200 mA of output current in a small, low
profile footprint.


Similar Part No. - ADM7160ACPZN2.5-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM7160 AD-ADM7160 Datasheet
840Kb / 23P
High PSRR, RF Linear Regulator
REV. A
ADM7160 AD-ADM7160 Datasheet
1Mb / 24P
High PSRR, RF Linear Regulator
REV. A
ADM7160 AD-ADM7160 Datasheet
1,022Kb / 23P
High PSRR, RF Linear Regulator
REV. A
ADM7160 AD-ADM7160 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results

Similar Description - ADM7160ACPZN2.5-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150 AD-ADP150 Datasheet
620Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADP151CB-3.3-EVALZ AD-ADP151CB-3.3-EVALZ Datasheet
561Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
Ultralow-Noise, 250-mA Linear Regulator
TPS799 TI1-TPS799_16 Datasheet
1Mb / 41P
200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
logo
Analog Devices
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
ADM7154 AD-ADM7154 Datasheet
782Kb / 23P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com