Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7160ACPZN3.3-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM7160ACPZN3.3-R2
Description  Ultralow Noise, 200 mA Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160ACPZN3.3-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM7160ACPZN3.3-R2 Datasheet HTML 10Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 11Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 12Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 13Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 14Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 15Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 16Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 17Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADM7160
Data Sheet
Rev. 0 | Page 14 of 24
SOFT START
The ADM7160 uses an internal soft start to limit the inrush
current when the output is enabled. The start-up time for the
3.3 V option is approximately 180 μs from when the EN active
threshold is crossed to when the output reaches 90% of its final
value. As shown in Figure 38, the start-up time is dependent on
the output voltage setting.
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
450
400
350
300
250
200
150
100
50
TIME (µs)
ENABLE
VOUT = 3.3V
VOUT = 2.8V
VOUT = 1.1V
Figure 38. Typical Start-Up Behavior
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADM7160 is protected against damage due to excessive
power dissipation by current-limit and thermal overload pro-
tection circuits. The ADM7160 is designed to reach current limit
when the output load reaches 300 mA (typical). When the output
load exceeds 300 mA, the output voltage is reduced to maintain
a constant current limit.
Thermal overload protection limits the junction temperature to
a maximum of 150°C (typical). Under extreme conditions (that
is, high ambient temperature and power dissipation) when the
junction temperature begins to rise above 150°C, the output is
turned off, reducing the output current to 0 mA. When the junc-
tion temperature falls below 135°C, the output is turned on again,
and the output current is restored to its nominal value.
Consider the case where a hard short from VOUT to ground
occurs. At first, the ADM7160 reaches current limit, so that
only 300 mA is conducted into the short. If self-heating of the
junction causes its temperature to rise above 150°C, thermal
shutdown is activated, turning off the output and reducing the
output current to 0 mA. As the junction temperature cools and
falls below 135°C, the output turns on and conducts 300 mA into
the short, again causing the junction temperature to rise above
150°C. This thermal oscillation between 135°C and 150°C causes
a current oscillation between 300 mA and 0 mA that continues
as long as the short remains at the output.
Current-limit and thermal overload protections are intended to
protect the device against accidental overload conditions. For
reliable operation, device power dissipation must be externally
limited so that junction temperatures do not exceed 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com