Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7160ACPZN3.3-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM7160ACPZN3.3-R2
Description  Ultralow Noise, 200 mA Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160ACPZN3.3-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM7160ACPZN3.3-R2 Datasheet HTML 11Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 12Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 13Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 14Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 15Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 16Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 17Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 18Page - Analog Devices ADM7160ACPZN3.3-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADM7160
Rev. 0 | Page 15 of 24
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADM7160 is designed for operation with small, space-saving
ceramic capacitors, but it can function with most commonly used
capacitors as long as care is taken with regard to the effective series
resistance (ESR) value. The ESR of the output capacitor affects the
stability of the LDO control loop. A minimum of 1 µF capacitance
with an ESR of 1 Ω or less is recommended to ensure the stability
of the ADM7160. Transient response to changes in load current is
also affected by output capacitance. Using a larger value of output
capacitance improves the transient response of the ADM7160
to large changes in load current. Figure 39 shows the transient
response for an output capacitance value of 1 µF.
CH1 200mA
CH2 50mV
M20µs
A CH1
64mA
T 10.00%
1
2
T
VOUT
ILOAD
Figure 39. Output Transient Response, COUT = 1 µF
Input Bypass Capacitor
Connecting a 1 µF capacitor from VIN to GND reduces the
circuit sensitivity to the PCB layout, especially when long input
traces or high source impedance are encountered. If output
capacitance greater than 1 µF is required, the input capacitor
should be increased to match it.
Input and Output Capacitor Properties
Any good quality ceramic capacitor can be used with the
ADM7160, as long as it meets the minimum capacitance and
maximum ESR requirements. Ceramic capacitors are manufac-
tured with a variety of dielectrics, each with different behavior
over temperature and applied voltage. Capacitors must have an
adequate dielectric to ensure the minimum capacitance over the
required temperature range and dc bias conditions. X5R or X7R
dielectrics with a voltage rating of 6.3 V or 10 V are recommended.
Y5V and Z5U dielectrics are not recommended, due to their poor
temperature and dc bias characteristics.
Figure 40 shows the capacitance vs. voltage bias characteristics
of a 0402, 1 µF, 10 V, X5R capacitor. The voltage stability of a
capacitor is strongly influenced by the capacitor size and voltage
rating. In general, a capacitor in a larger package or with a higher
voltage rating exhibits better stability. The temperature variation
of the X5R dielectric is approximately ±15% over the −40°C to
+85°C temperature range and is not a function of package or
voltage rating.
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
VOLTAGE BIAS (V)
Figure 40. Capacitance vs. Voltage Bias Characteristics
Use Equation 1 to determine the worst-case capacitance,
accounting for capacitor variation over temperature,
component tolerance, and voltage.
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient (TEMPCO)
over −40°C to +85°C is assumed to be 15% for an X5R dielectric.
The tolerance (TOL) of the capacitor is assumed to be 10%, and
CBIAS is 0.94 μF at 1.8 V, as shown in Figure 40.
Substituting these values in Equation 1 yields
CEFF = 0.94 μF × (1 − 0.15) × (1 − 0.1) = 0.719 μF
Therefore, the capacitor selected in this example meets the
minimum capacitance requirement of the LDO regulator over
temperature and tolerance at the selected output voltage.
To guarantee the performance of the ADM7160, it is imperative
that the effects of dc bias, temperature, and tolerance on the
behavior of the capacitors be evaluated for each application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com